Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QP-375-24C Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # QP-375-24C
Description  375W Quad Output with PFC Function
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

QP-375-24C Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  QP-375-24C Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. QP-375-24C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. QP-375-24C Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. QP-375-24C Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. QP-375-24C Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. QP-375-24C Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. QP-375-24C Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
..
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER(max.)
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.7
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
REMOTECONTROL
POWERGOOD/POWERFAIL(OPTIONAL)
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
800ms,50msatfullload
36msatfullload
85~264VAC120~370VDC
47~63Hz
PF>0.95/230VACPF>0.98/115VACatfullload
78%
80%
6A/115VAC3A/230VAC
COLDSTART 45A
<2mA /240VAC
105~135% ratedoutputpower
CH1:27.6~32.4V
Protectiontype:Hiccupmode,recoversautomaticallyafterconditionisremoved
UL60950-1, TUVEN60950-1approved
-10~+60
(Refertooutputloadderatingcurve)
10ms/1ms
RC+/RC-:0~0.8VPOWERON;4V~10VPOWEROFF
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
75.9Khrsmin.MIL-HDBK-217F(25
)
280*127*63.5mm(L*W*H)
2.4Kg;6pcs/14.8Kg/0.89CUFT
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
Complianceto
EN55024,lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,8,11;ENV50204,
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
375WQuadOutputwithPFCFunction
Universal AC input / Full range
Built-in active PFC function, PF>0.95
Protections: Short circuit / Overload / Over voltage / Over temperature
Forced air cooling by built-in DC fan
CH3,4 are isolated from other outputs and the polarity can be reversed
No minimum load requirement for CH2,3,4
All output can be adjustable from -5~+10%
With power good and fail signal output
Built-in remote ON-OFF control
Fixed switching frequency at 100KHz
3 years warranty
Features:
Q P - 3 7 5 - 2 4 series
ENVIRONMENT
SAFETY &
FUNCTION
EMC
(Note4)
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
EMICONDUCTION&RADIATION
QP-375-24B
QP-375-24C
+24V
CH1
CH1
+24V
+5V
CH2
CH2
12V
CH3
CH3
12V
CH4
CH4
+5V
15V
15V
10A
10A
10A
4A
4A
10A
4A
4A
1~10A
1~10A
0~16A
0~4A
0~4A
0~10A
0~4A
0~4A
386W
410W
240mVp-p
21.6~26.4V
50mVp-p
4.5~5.5V
120mVp-p
10.8~13.2V
10.8~13.2V
13.5~16.5V
13.5~16.5V
4.5~5.5V
21.6~26.4V
120mVp-p
50mVp-p
150mVp-p
150mVp-p
240mVp-p
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.8%
0.8%
0.8%
0.8%
0.8%
0.8%
0.8%
0.8%
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
INPUT
OVERTEMPERATURE
80
5
(TSW1)DetectonheatsinkofQ1,Q2powertransistor)
FileName:QP-375-24-SPEC2010-10-18
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Peak current can not exceed 60 sec.
6. Isolated CH3 & CH4 maybe series connected or can be used as positive or negative outputs.
7. Derating may be needed under low input voltages. Please check the derating curve for more details.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
OUTPUTNUMBER
Protectiontype:Shutdowno/pvoltage,re-powerontorecover


Similar Part No. - QP-375-24C

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
QP-375-24C TOTAL-POWER-QP-375-24C Datasheet
150Kb / 5P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
logo
Astrodyne Corporation
QP-375-24C ASTRODYNE-QP-375-24C Datasheet
530Kb / 6P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375-24C MEANWELL-QP-375-24C Datasheet
770Kb / 7P
   375W Quad Output with PFC Function
More results

Similar Description - QP-375-24C

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
QP375 ASTRODYNE-QP375 Datasheet
2Mb / 6P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375 MEANWELL-QP-375_11 Datasheet
786Kb / 7P
   375W Quad Output with PFC Function
logo
Total Power Internation...
QP-375 TOTAL-POWER-QP-375_17 Datasheet
994Kb / 7P
   375W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-375 ASTRODYNE-QP-375 Datasheet
530Kb / 6P
   375W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-375 RSG-QP-375 Datasheet
294Kb / 7P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375 MEANWELL-QP-375 Datasheet
770Kb / 7P
   375W Quad Output with PFC Function
logo
CUI INC
VPPQ-1003C CUI-VPPQ-1003C Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-150 MEANWELL-QP-150_10 Datasheet
770Kb / 5P
   150W Quad Output with PFC Function
QP-320 MEANWELL-QP-320_10 Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-200 ASTRODYNE-QP-200 Datasheet
451Kb / 4P
   200W Quad Output with PFC Function
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com