Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8312 Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8312
Description  Three Phase PWM Motor Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8312 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8312_11 Datasheet HTML 4Page - Texas Instruments DRV8312_11 Datasheet HTML 5Page - Texas Instruments DRV8312_11 Datasheet HTML 6Page - Texas Instruments DRV8312_11 Datasheet HTML 7Page - Texas Instruments DRV8312_11 Datasheet HTML 8Page - Texas Instruments DRV8312_11 Datasheet HTML 9Page - Texas Instruments DRV8312_11 Datasheet HTML 10Page - Texas Instruments DRV8312_11 Datasheet HTML 11Page - Texas Instruments DRV8312_11 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
1.10
0.96
1.00
0.98
1.02
1.04
GVDD – Gate Drive – V
11.0
10.0
8.0
10.5
9.5
8.5
9.0
11.5
1.06
1.08
12
T = 25°C
J
0
100
40
50
60
70
80
90
f – Switching Frequency – kHz
0
100 150 200 250 300 350 400 450 500
50
10
20
30
Load = 5 A
PVDD = 50 V
T = 75°C
Full Bridge
C
1.6
0.4
0.6
0.8
1.0
T – Junction Temperature – C
J
o
80
40
120
–40
60
20
–20
0
100
1.2
1.4
140
GVDD = 12 V
–1
5
0
1
2
3
V – Voltage – V
1.2
0.8
0
1
0.6
0.2
0.4
4
6
T = 25°C
J
DRV8312
DRV8332
SLES256 – MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS
EFFICIENCY
NORMALIZED RDS(on)
vs
vs
SWITCHING FREQUENCY (DRV8332)
GATE DRIVE
Figure 1.
Figure 2.
NORMALIZED RDS(on)
vs
DRAIN TO SOURCE DIODE FORWARD
JUNCTION TEMPERATURE
ON CHARACTERISTICS
Figure 3.
Figure 4.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DRV8312 DRV8332


Similar Part No. - DRV8312_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8312 TI-DRV8312_1 Datasheet
1Mb / 31P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_14 Datasheet
1Mb / 36P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_15 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Phase PWM Motor Driver
More results

Similar Description - DRV8312_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
DRV8312 TI-DRV8312_1 Datasheet
1Mb / 31P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_14 Datasheet
1Mb / 36P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8332-HT TI1-DRV8332-HT Datasheet
425Kb / 25P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
DRV8312 TI-DRV8312 Datasheet
981Kb / 28P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_15 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Phase PWM Motor Driver
logo
Allegro MicroSystems
3936 ALLEGRO-3936 Datasheet
177Kb / 9P
   DMOS THREE-PHASE PWM MOTOR DRIVER
logo
Texas Instruments
DRV8311 TI-DRV8311 Datasheet
2Mb / 87P
[Old version datasheet]   DRV8311 Three-Phase PWM Motor Driver
SLVSFN2 ??SEPTEMBER 2021
logo
Allegro MicroSystems
A3936 ALLEGRO-A3936 Datasheet
294Kb / 10P
   DMOS Three-Phase PWM Motor Driver
logo
Texas Instruments
DRV8317 TI-DRV8317 Datasheet
2Mb / 69P
[Old version datasheet]   DRV8317 Three-Phase PWM Motor Driver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com