Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8312 Datasheet(PDF) 3 Page - Texas Instruments

Part # DRV8312
Description  Three Phase PWM Motor Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8312 Datasheet(HTML) 3 Page - Texas Instruments

  DRV8312_11 Datasheet HTML 1Page - Texas Instruments DRV8312_11 Datasheet HTML 2Page - Texas Instruments DRV8312_11 Datasheet HTML 3Page - Texas Instruments DRV8312_11 Datasheet HTML 4Page - Texas Instruments DRV8312_11 Datasheet HTML 5Page - Texas Instruments DRV8312_11 Datasheet HTML 6Page - Texas Instruments DRV8312_11 Datasheet HTML 7Page - Texas Instruments DRV8312_11 Datasheet HTML 8Page - Texas Instruments DRV8312_11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
DRV8312
DRV8332
www.ti.com
SLES256 – MAY 2010
PACKAGE HEAT DISSIPATION RATINGS
PARAMETER
DRV8312
DRV8332
RqJC, junction-to-case (power pad / heat slug)
1.1 °C/W
0.9 °C/W
thermal resistance
This device is not intended to be used
without a heatsink. Therefore, RqJA is not
RqJA, junction-to-ambient thermal resistance
25 °C/W
specified. See the Thermal Information
section.
Exposed power pad / heat slug area
34 mm2
80 mm2
PACKAGE POWER DERATINGS (DRV8312)
(1)
DERATING
TA = 25°C
FACTOR
TA = 70°C POWER
TA = 85°C POWER
TA = 125°C POWER
PACKAGE
POWER
ABOVE TA =
RATING
RATING
RATING
RATING
25°C
44-PIN TSSOP (DDW)
5.0 W
40.0 mW/°C
3.2 W
2.6 W
1.0 W
(1)
Based on EVM board layout
MODE SELECTION PINS
MODE PINS
OUTPUT
DESCRIPTION
CONFIGURATION
M3
M2
M1
1
0
0
1 3PH or 3 HB
Three-phase or three half bridges with cycle-by-cycle current limit
Three-phase or three half bridges with OC latching shutdown (no
1
0
1
1 3PH or 3 HB
cycle-by-cycle current limit)
0
x
x
Reserved
1
1
x
Reserved
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DRV8312 DRV8332


Similar Part No. - DRV8312_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8312 TI-DRV8312_1 Datasheet
1Mb / 31P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_14 Datasheet
1Mb / 36P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_15 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Phase PWM Motor Driver
More results

Similar Description - DRV8312_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
DRV8312 TI-DRV8312_1 Datasheet
1Mb / 31P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_14 Datasheet
1Mb / 36P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8332-HT TI1-DRV8332-HT Datasheet
425Kb / 25P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
DRV8312 TI-DRV8312 Datasheet
981Kb / 28P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_15 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Phase PWM Motor Driver
logo
Allegro MicroSystems
3936 ALLEGRO-3936 Datasheet
177Kb / 9P
   DMOS THREE-PHASE PWM MOTOR DRIVER
logo
Texas Instruments
DRV8311 TI-DRV8311 Datasheet
2Mb / 87P
[Old version datasheet]   DRV8311 Three-Phase PWM Motor Driver
SLVSFN2 ??SEPTEMBER 2021
logo
Allegro MicroSystems
A3936 ALLEGRO-A3936 Datasheet
294Kb / 10P
   DMOS Three-Phase PWM Motor Driver
logo
Texas Instruments
DRV8317 TI-DRV8317 Datasheet
2Mb / 69P
[Old version datasheet]   DRV8317 Three-Phase PWM Motor Driver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com