Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA216A2YFFR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA216A2YFFR
Description  Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA216A2YFFR Datasheet(HTML) 5 Page - Texas Instruments

  INA216A2YFFR Datasheet HTML 1Page - Texas Instruments INA216A2YFFR Datasheet HTML 2Page - Texas Instruments INA216A2YFFR Datasheet HTML 3Page - Texas Instruments INA216A2YFFR Datasheet HTML 4Page - Texas Instruments INA216A2YFFR Datasheet HTML 5Page - Texas Instruments INA216A2YFFR Datasheet HTML 6Page - Texas Instruments INA216A2YFFR Datasheet HTML 7Page - Texas Instruments INA216A2YFFR Datasheet HTML 8Page - Texas Instruments INA216A2YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
INA216
www.ti.com
SBOS503B – JUNE 2010 – REVISED JUNE 2010
ELECTRICAL CHARACTERISTICS (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C and VCM = VIN+= 4.2V, unless otherwise noted.
INA216
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE, continued
Slew Rate
SR
0.03
V/ms
NOISE, RTI(4)
Voltage Noise Density
60
nV/
√Hz
POWER SUPPLY
Specified Range
VIN+
+1.8
+5.5
V
Quiescent Current
IQ
13
25
mA
Over Temperature
30
mA
TURN-ON TIME
VIN+ = 0 to +2.5V; VSENSE = 10mV; VOUT ±0.5%
200
ms
TEMPERATURE RANGE
Specified Temperature Range
–40
+125
°C
(4)
RTI: Referred-to-input.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): INA216


Similar Part No. - INA216A2YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA216A2YFFR TI-INA216A2YFFR Datasheet
438Kb / 18P
[Old version datasheet]   Small size,Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
INA216A2YFFR TI1-INA216A2YFFR Datasheet
994Kb / 23P
[Old version datasheet]   Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR
More results

Similar Description - INA216A2YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA216 TI-INA216 Datasheet
438Kb / 18P
[Old version datasheet]   Small size,Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
logo
Analog Devices
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. A
logo
Texas Instruments
INA216 TI-INA216_15 Datasheet
941Kb / 23P
[Old version datasheet]   Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zer첩-Drift Series
INA216 TI1-INA216_16 Datasheet
994Kb / 23P
[Old version datasheet]   Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8217 AD-AD8217 Datasheet
314Kb / 16P
   High Resolution, Zero-Drift Current Shunt Monitor
REV. 0
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com