Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430P325A Datasheet(PDF) 2 Page - Texas Instruments

Part # MSP430P325A
Description  MIXED SIGNAL MICROCONTROLLER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430P325A Datasheet(HTML) 2 Page - Texas Instruments

  MSP430P325A Datasheet HTML 1Page - Texas Instruments MSP430P325A Datasheet HTML 2Page - Texas Instruments MSP430P325A Datasheet HTML 3Page - Texas Instruments MSP430P325A Datasheet HTML 4Page - Texas Instruments MSP430P325A Datasheet HTML 5Page - Texas Instruments MSP430P325A Datasheet HTML 6Page - Texas Instruments MSP430P325A Datasheet HTML 7Page - Texas Instruments MSP430P325A Datasheet HTML 8Page - Texas Instruments MSP430P325A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
MSP430C32x, MSP430P325A
MIXED SIGNAL MICROCONTROLLER
SLAS219B − MARCH 1999 − REVISED MARCH 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description (continued)
Typical applications include sensor systems that capture analog signals, convert them to digital values, and then
process the data and display them or transmit them to a host system. The MSP430x32x offers an integrated
12+2 bit A/D converter with six multiplexed inputs.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
PLASTIC
64-PIN QFP
(PG)
PLASTIC
64-PIN QFP
(PM)
PLASTIC
68-PIN PLCC
(FN)
CERAMIC
68-PIN JLCC
(FZ)
40
°Cto85°C
MSP430C323IPG
MSP430C325IPG
MSP430C323IPM
MSP430C325IPM
MSP430C323IFN
MSP430C325IFN
−40
°C to 85°C
MSP430C325IPG
MSP430P325AIPG
MSP430C325IPM
MSP430P325AIPM
MSP430C325IFN
MSP430P325AIFN
25
°C
PMS430E325AFZ
25
°C
PMS430E325AFZ
functional block diagram
Oscillator
FLL
System Clock
ACLK
MCLK
8/16 kB ROM
16 kB OTP
’C’: ROM
256/512 B
RAM
Power-on-
Reset
8 b Timer/
Counter
Serial Protocol
I/O Port
8 I/O’s, All With
Interr. Cap.
3 Int. Vectors
CPU
Incl. 16 Reg.
Test
JTAG
Bus
Conv
Timer/Port
Applications:
Timer, O/P
Basic
LCD
84 Segments
1, 2, 3, 4 MUX
Timer1
ADC
12 + 2 Bit
6 Channels
MAB, 16 Bit
MDB, 16 Bit
MAB, 4 Bit
MDB, 8 Bit
MCB
6
LCD
f
CMPI
TP0.0−5
CIN
XIN Xout/TCLK
XBUF
P0.0
P0.7
Com0−3
S0−19/O2−19
S20/O20CMPI
R33
R13
TDI/VPP
TDO/TDI
TMS
TCK
TXD
’P’: OTP
A/D Conv.
Support
RXD
Watchdog
timer
15/16 Bit
Current S.
6
A0−5
Rext
SVCC
RST/NMI
R23
R03


Similar Part No. - MSP430P325A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430P325A TI-MSP430P325A Datasheet
437Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325A TI1-MSP430P325A Datasheet
527Kb / 35P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325A TI1-MSP430P325A Datasheet
471Kb / 35P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325AIFN TI-MSP430P325AIFN Datasheet
437Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325AIFN TI1-MSP430P325AIFN Datasheet
527Kb / 35P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430P325A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com