Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430P337AIPJM Datasheet(PDF) 10 Page - Texas Instruments

Part # MSP430P337AIPJM
Description  MIXED SIGNAL MICROCONTROLLERS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430P337AIPJM Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430P337AIPJM Datasheet HTML 6Page - Texas Instruments MSP430P337AIPJM Datasheet HTML 7Page - Texas Instruments MSP430P337AIPJM Datasheet HTML 8Page - Texas Instruments MSP430P337AIPJM Datasheet HTML 9Page - Texas Instruments MSP430P337AIPJM Datasheet HTML 10Page - Texas Instruments MSP430P337AIPJM Datasheet HTML 11Page - Texas Instruments MSP430P337AIPJM Datasheet HTML 12Page - Texas Instruments MSP430P337AIPJM Datasheet HTML 13Page - Texas Instruments MSP430P337AIPJM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
MSP430C33x, MSP430P337A
MIXED SIGNAL MICROCONTROLLERS
SLAS227A – OCTOBER 1999 – REVISED JUNE 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ROM memory organization
Int. Vector
24 kB ROM
1024B RAM
16b Per.
8b Per.
SFR
FFFFh
FFE0h
FFDFh
A000h
05FFh
0200h
01FFh
0100h
00FFh
0010h
000Fh
0000h
MSP430C336
Int. Vector
32 kB ROM
1024B RAM
16b Per.
8b Per.
SFR
FFFFh
FFE0h
FFDFh
8000h
05FFh
0200h
01FFh
0100h
00FFh
0010h
000Fh
0000h
MSP430C337
Int. Vector
32 kB OTP
or
EPROM
1024B RAM
16b Per.
8b Per.
SFR
FFFFh
FFE0h
FFDFh
8000h
05FFh
0200h
01FFh
0100h
00FFh
0010h
000Fh
0000h
MSP430P337A
PMS430E337A
peripherals
Peripherals that are connected to the CPU through a data, address, and controls bus can be handled easily with
instructions for memory manipulation.
oscillator and system clock
Two clocks are used in the system: the system (master) clock (MCLK) and the auxiliary clock (ACLK). The MCLK
is a multiple of the ACLK. The ACLK runs with the crystal oscillator frequency. The special design of the oscillator
supports the feature of low current consumption and the use of a 32 768 Hz crystal. The crystal is connected
across two terminals without any other external components required.
The oscillator starts after applying VCC, due to a reset of the control bit (OscOff) in the status register (SR). It
can be stopped by setting the OscOff bit to a 1. The enabled clock signals ACLK, ACLK/2, ACLK/4, or MCLK
are accessible for use by external devices at output terminal XBUF.
The controller system clocks have to deal with different requirements according to the application and system
condition. Requirements include:
D High frequency in order to react quickly to system hardware requests or events
D Low frequency in order to minimize current consumption, EMI, etc.
D Stable frequency for timer applications e.g., real-time clock (RTC)
D Enable start-stop operation with minimum delay to operation function
These requirements cannot all be met with fast frequency high-Q crystals or with RC-type low-Q oscillators. This
compromise and selected for the MSP430, uses a low-crystal frequency, which is multiplied to achieve the
desired nominal operating range:
f
(system) + (N ) 1)
f
(
crystal)


Similar Part No. - MSP430P337AIPJM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430P337AIPJM TI-MSP430P337AIPJM Datasheet
390Kb / 30P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430P337AIPJM TI-MSP430P337AIPJM Datasheet
543Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
More results

Similar Description - MSP430P337AIPJM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com