Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F157IRTDT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F157IRTDT
Description  MIXED SIGNAL MICROCONTROLLER
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F157IRTDT Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F157IRTDT Datasheet HTML 1Page - Texas Instruments MSP430F157IRTDT Datasheet HTML 2Page - Texas Instruments MSP430F157IRTDT Datasheet HTML 3Page - Texas Instruments MSP430F157IRTDT Datasheet HTML 4Page - Texas Instruments MSP430F157IRTDT Datasheet HTML 5Page - Texas Instruments MSP430F157IRTDT Datasheet HTML 6Page - Texas Instruments MSP430F157IRTDT Datasheet HTML 7Page - Texas Instruments MSP430F157IRTDT Datasheet HTML 8Page - Texas Instruments MSP430F157IRTDT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
MSP430F15x, MSP430F16x, MSP430F161x
MIXED SIGNAL MICROCONTROLLER
SLAS368G − OCTOBER 2002 − REVISED MARCH 2011
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Supply-Voltage Range: 1.8 V to 3.6 V
D Ultralow Power Consumption
− Active Mode: 330
μA at 1 MHz, 2.2 V
− Standby Mode: 1.1
μA
− Off Mode (RAM Retention): 0.2
μA
D Five Power-Saving Modes
D Wake-Up From Standby Mode in
Less Than 6
μs
D 16-Bit RISC Architecture,
125-ns Instruction Cycle Time
D Three-Channel Internal DMA
D 12-Bit Analog-to-Digital (A/D) Converter
With Internal Reference, Sample-and-Hold,
and Autoscan Feature
D Dual 12-Bit Digital-to-Analog (D/A)
Converters With Synchronization
D 16-Bit Timer_A With Three
Capture/Compare Registers
D 16-Bit Timer_B With Three or Seven
Capture/Compare-With-Shadow Registers
D On-Chip Comparator
D Serial Communication Interface (USART0),
Functions as Asynchronous UART or
Synchronous SPI or I2CTM Interface
D Serial Communication Interface (USART1),
Functions as Asynchronous UART or
Synchronous SPI Interface
D Supply Voltage Supervisor/Monitor With
Programmable Level Detection
D Brownout Detector
D Bootstrap Loader
I2C is a registered trademark of Philips Incorporated.
D Serial Onboard Programming,
No External Programming Voltage Needed,
Programmable Code Protection by Security
Fuse
D Family Members Include
− MSP430F155
16KB+256B Flash Memory
512B RAM
− MSP430F156
24KB+256B Flash Memory
1KB RAM
− MSP430F157
32KB+256B Flash Memory,
1KB RAM
− MSP430F167
32KB+256B Flash Memory,
1KB RAM
− MSP430F168
48KB+256B Flash Memory,
2KB RAM
− MSP430F169
60KB+256B Flash Memory,
2KB RAM
− MSP430F1610
32KB+256B Flash Memory
5KB RAM
− MSP430F1611
48KB+256B Flash Memory
10KB RAM
− MSP430F1612
55KB+256B Flash Memory
5KB RAM
D Available in 64-Pin QFP Package (PM) and
64-Pin QFN Package (RTD)
D For Complete Module Descriptions, See the
MSP430x1xx Family User’s Guide,
Literature Number SLAU049
description
The Texas Instruments MSP430 family of ultralow power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low power
modes is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 6
μs.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range
from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage
because very small parametric changes could cause the device not to meet its published specifications. These devices have limited
built-in ESD protection.
Copyright
© 2011, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - MSP430F157IRTDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F157IRTDT TI-MSP430F157IRTDT Datasheet
1Mb / 73P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F157IRTDT TI-MSP430F157IRTDT Datasheet
1Mb / 71P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F157IRTDT TI1-MSP430F157IRTDT Datasheet
1Mb / 78P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F157IRTDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com