Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F41X2 Datasheet(PDF) 9 Page - Texas Instruments

Part # MSP430F41X2
Description  MIXED SIGNAL MICROCONTROLLER
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F41X2 Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430F41X2 Datasheet HTML 5Page - Texas Instruments MSP430F41X2 Datasheet HTML 6Page - Texas Instruments MSP430F41X2 Datasheet HTML 7Page - Texas Instruments MSP430F41X2 Datasheet HTML 8Page - Texas Instruments MSP430F41X2 Datasheet HTML 9Page - Texas Instruments MSP430F41X2 Datasheet HTML 10Page - Texas Instruments MSP430F41X2 Datasheet HTML 11Page - Texas Instruments MSP430F41X2 Datasheet HTML 12Page - Texas Instruments MSP430F41X2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
MSP430F41x2
MIXED SIGNAL MICROCONTROLLER
SLAS648E -- APRIL 2009 -- REVISED MARCH 2011
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (continued)
TERMINAL
NO.
I/O
DESCRIPTION
NAME
64
PIN
48
PIN
I/O
DESCRIPTION
P7.3/TCK/S35
57
41
I/O
General-purpose digital I/O pin
Test clock input for device programming and test
LCD segment output
P7.4/TA1.4/
A0/CA2
60
44
I/O
General-purpose digital I/O pin
Timer1_A5, capture: CCI4B input, compare: Out4 output
ADC10 analog input A0
Comparator_A input 2
P7.5/TA1.3/
A1/CA3
61
45
I/O
General-purpose digital I/O pin
Timer1_A5, capture: CCI3B input, compare: Out3 output
ADC10 analog input A1
Comparator_A input 3
P7.6/TA0.2/S25
45
--
I/O
General-purpose digital I/O pin
Timer0_A3, capture: CCI2A input, compare: Out2 output
LCD segment output
AVCC
64
48
Analog supply voltage, positive terminal
AVSS
62
46
Analog supply voltage, negative terminal
DVCC
7
3
Digital supply voltage, positive terminal. Supplies all digital parts.
DVSS
10
6
Digital supply voltage, negative terminal. Supplies all digital parts.
XOUT
9
5
O
Output port for crystal oscillator XT1. Standard or watch crystals can be connected.
XIN
8
4
I
Input port for crystal oscillator XT1. Standard or watch crystals can be connected.
RST/NMI/
SBWTDIO
58
42
I
Reset or nonmaskable interrupt input
Spy-Bi-Wire test data input/output during programming and test
TEST/SBWTCLK
59
43
I
Selects test mode for JTAG pins on Port7. The device protection fuse is connected to TEST.
Thermal Pad
NA
NA
NA
QFN package pad (RGZ package only). Connection to DVSS is recommended.


Similar Part No. - MSP430F41X2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI1-MSP430F41X2 Datasheet
1Mb / 83P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F41X2 TI1-MSP430F41X2_14 Datasheet
1Mb / 83P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F41X2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com