Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2013IN Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2013IN
Description  MIXED SIGNAL MICROCONTROLLER
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2013IN Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSP430F2013IN Datasheet HTML 4Page - Texas Instruments MSP430F2013IN Datasheet HTML 5Page - Texas Instruments MSP430F2013IN Datasheet HTML 6Page - Texas Instruments MSP430F2013IN Datasheet HTML 7Page - Texas Instruments MSP430F2013IN Datasheet HTML 8Page - Texas Instruments MSP430F2013IN Datasheet HTML 9Page - Texas Instruments MSP430F2013IN Datasheet HTML 10Page - Texas Instruments MSP430F2013IN Datasheet HTML 11Page - Texas Instruments MSP430F2013IN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
SLAS491G
– AUGUST 2005 – REVISED APRIL 2011
www.ti.com
Table 2. Terminal Functions, MSP430F20x1
TERMINAL
NO.
DESCRIPTION
NAME
I/O
PW, N
RSA
General-purpose digital I/O pin
Timer_A, clock signal TACLK input
P1.0/TACLK/ACLK/CA0
2
1
I/O
ACLK signal output
Comparator_A+, CA0 input
General-purpose digital I/O pin
P1.1/TA0/CA1
3
2
I/O
Timer_A, capture: CCI0A input, compare: Out0 output
Comparator_A+, CA1 input
General-purpose digital I/O pin
P1.2/TA1/CA2
4
3
I/O
Timer_A, capture: CCI1A input, compare: Out1 output
Comparator_A+, CA2 input
General-purpose digital I/O pin
P1.3/CAOUT/CA3
5
4
I/O
Comparator_A+, output / CA3 input
General-purpose digital I/O pin
SMCLK signal output
P1.4/SMCLK/C4/TCK
6
5
I/O
Comparator_A+, CA4 input
JTAG test clock, input terminal for device programming and test
General-purpose digital I/O pin
Timer_A, compare: Out0 output
P1.5/TA0/CA5/TMS
7
6
I/O
Comparator_A+, CA5 input
JTAG test mode select, input terminal for device programming and test
General-purpose digital I/O pin
Timer_A, compare: Out1 output
P1.6/TA1/CA6/TDI/TCLK
8
7
I/O
Comparator_A+, CA6 input
JTAG test data input or test clock input during programming and test
General-purpose digital I/O pin
P1.7/CAOUT/CA7/TDO/TDI(1)
9
8
I/O
Comparator_A+, output / CA7 input
JTAG test data output terminal or test data input during programming and test
Input terminal of crystal oscillator
XIN/P2.6/TA1
13
12
I/O
General-purpose digital I/O pin
Timer_A, compare: Out1 output
Output terminal of crystal oscillator
XOUT/P2.7
12
11
I/O
General-purpose digital I/O pin(2)
Reset or nonmaskable interrupt input
RST/NMI/SBWTDIO
10
9
I
Spy-Bi-Wire test data input/output during programming and test
Selects test mode for JTAG pins on Port 1. The device protection fuse is
TEST/SBWTCK
11
10
I
connected to TEST.
Spy-Bi-Wire test clock input during programming and test
VCC
1
16
Supply voltage
VSS
14
14
Ground reference
NC
NA
13, 15
Not connected
QFN Pad
NA
Pad
NA
QFN package pad. Connection to VSS is recommended.
(1)
TDO or TDI is selected via JTAG instruction.
(2)
If XOUT/P2.7 is used as an input, excess current flows until P2SEL.7 is cleared. This is due to the oscillator output driver connection to
this pad after reset.
8
Copyright
© 2005–2011, Texas Instruments Incorporated


Similar Part No. - MSP430F2013IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2013IN TI-MSP430F2013IN Datasheet
1Mb / 80P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2013IN TI-MSP430F2013IN Datasheet
2Mb / 88P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2013IN TI1-MSP430F2013IN Datasheet
1Mb / 92P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2013IN TI1-MSP430F2013IN Datasheet
1Mb / 94P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2013IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com