Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5638IPZ Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5638IPZ
Description  MIXED SIGNAL MICROCONTROLLER
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5638IPZ Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430F5638IPZ Datasheet HTML 6Page - Texas Instruments MSP430F5638IPZ Datasheet HTML 7Page - Texas Instruments MSP430F5638IPZ Datasheet HTML 8Page - Texas Instruments MSP430F5638IPZ Datasheet HTML 9Page - Texas Instruments MSP430F5638IPZ Datasheet HTML 10Page - Texas Instruments MSP430F5638IPZ Datasheet HTML 11Page - Texas Instruments MSP430F5638IPZ Datasheet HTML 12Page - Texas Instruments MSP430F5638IPZ Datasheet HTML 13Page - Texas Instruments MSP430F5638IPZ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
MSP430F563x
SLAS650A – JUNE 2010 – REVISED JULY 2010
www.ti.com
Table 2. Terminal Functions (continued)
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
PZ
ZQW
General-purpose digital I/O with port interrupt and map-able secondary function
P2.6/P2MAP6
23
K2
I/O
Default mapping: no secondary function
General-purpose digital I/O with port interrupt and map-able secondary function
P2.7/P2MAP7
24
L2
I/O
Default mapping: no secondary function
DVCC1
25
L1
Digital power supply
DVSS1
26
M1
Digital ground supply
VCORE(2)
27
M2
Regulated core power supply (internal usage only, no external current loading)
P5.2
28
L3
I/O
General-purpose digital I/O
DVSS
29
M3
Digital ground supply
DNC
30
J4
I/O
Do not connect. It is strongly recommended to leave this terminal open.
P5.3
31
L4
I/O
General-purpose digital I/O
P5.4
32
M4
I/O
General-purpose digital I/O
P5.5
33
J5
I/O
General-purpose digital I/O
General-purpose digital I/O with port interrupt
P1.0/TA0CLK/ACLK
34
L5
I/O
Timer TA0 clock signal TACLK input
ACLK output (divided by 1, 2, 4, or 8)
General-purpose digital I/O with port interrupt
P1.1/TA0.0
35
M5
I/O
Timer TA0 CCR0 capture: CCI0A input, compare: Out0 output
BSL transmit output
General-purpose digital I/O with port interrupt
P1.2/TA0.1
36
J6
I/O
Timer TA0 CCR1 capture: CCI1A input, compare: Out1 output
BSL receive input
General-purpose digital I/O with port interrupt
P1.3/TA0.2
37
H6
I/O
Timer TA0 CCR2 capture: CCI2A input, compare: Out2 output
General-purpose digital I/O with port interrupt
P1.4/TA0.3
38
M6
I/O
Timer TA0 CCR3 capture: CCI3A input compare: Out3 output
General-purpose digital I/O with port interrupt
P1.5/TA0.4
39
L6
I/O
Timer TA0 CCR4 capture: CCI4A input, compare: Out4 output
General-purpose digital I/O with port interrupt
P1.6/TA0.1
40
J7
I/O
Timer TA0 CCR1 capture: CCI1B input, compare: Out1 output
General-purpose digital I/O with port interrupt
P1.7/TA0.2
41
M7
I/O
Timer TA0 CCR2 capture: CCI2B input, compare: Out2 output
General-purpose digital I/O with port interrupt
P3.0/TA1CLK/CBOUT
42
L7
I/O
Timer TA1 clock input
Comparator_B output
General-purpose digital I/O with port interrupt
P3.1/TA1.0
43
H7
I/O
Timer TA1 capture CCR0: CCI0A/CCI0B input, compare: Out0 output
General-purpose digital I/O with port interrupt
P3.2/TA1.1
44
M8
I/O
Timer TA1 capture CCR1: CCI1A/CCI1B input, compare: Out1 output
General-purpose digital I/O with port interrupt
P3.3/TA1.2
45
L8
I/O
Timer TA1 capture CCR2: CCI2A/CCI2B input, compare: Out2 output
General-purpose digital I/O with port interrupt
P3.4/TA2CLK/SMCLK
46
J8
I/O
Timer TA2 clock input
SMCLK output
General-purpose digital I/O with port interrupt
P3.5/TA2.0
47
M9
I/O
Timer TA2 capture CCR0: CCI0A/CCI0B input, compare: Out0 output
General-purpose digital I/O with port interrupt
P3.6/TA2.1
48
L9
I/O
Timer TA2 capture CCR1: CCI1A/CCI1B input, compare: Out1 output
General-purpose digital I/O with port interrupt
P3.7/TA2.2
49
M10
I/O
Timer TA2 capture CCR2: CCI2A/CCI2B input, compare: Out2 output
(2)
VCORE is for internal usage only. No external current loading is possible. VCORE should only be connected to the recommended
capacitor value, CVCORE.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Similar Part No. - MSP430F5638IPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5638IPZ TI1-MSP430F5638IPZ Datasheet
1Mb / 107P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5638IPZ TI1-MSP430F5638IPZ Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5638IPZ TI1-MSP430F5638IPZ Datasheet
1Mb / 106P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
AUGUST2011
MSP430F5638IPZ TI-MSP430F5638IPZ Datasheet
3Mb / 127P
[Old version datasheet]   MSP430F563x Mixed-Signal Microcontrollers
MSP430F5638IPZR TI1-MSP430F5638IPZR Datasheet
1Mb / 107P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F5638IPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com