Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5308IRGZR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5308IRGZR
Description  MIXED SIGNAL MICROCONTROLLER
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5308IRGZR Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430F5308IRGZR Datasheet HTML 7Page - Texas Instruments MSP430F5308IRGZR Datasheet HTML 8Page - Texas Instruments MSP430F5308IRGZR Datasheet HTML 9Page - Texas Instruments MSP430F5308IRGZR Datasheet HTML 10Page - Texas Instruments MSP430F5308IRGZR Datasheet HTML 11Page - Texas Instruments MSP430F5308IRGZR Datasheet HTML 12Page - Texas Instruments MSP430F5308IRGZR Datasheet HTML 13Page - Texas Instruments MSP430F5308IRGZR Datasheet HTML 14Page - Texas Instruments MSP430F5308IRGZR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
MSP430F530x, MSP430F5310
www.ti.com
SLAS677B
– SEPTEMBER 2010 – REVISED MARCH 2011
Table 3. Terminal Functions (continued)
TERMINAL
NO.
I/O
DESCRIPTION
(1)
NAME
RGZ
RGC
ZQE
/PT
General-purpose digital I/O with reconfigurable port mapping secondary
P4.5/PM_UCA1RXD/
function
46
34
C9
I/O
PM_UCA1SOMI
Default mapping: Receive data
– USCI_A1 UART mode
Default mapping: Slave out, master in
– USCI_A1 SPI mode
General-purpose digital I/O with reconfigurable port mapping secondary
P4.6/PM_NONE
47
35
C8
I/O
function
Default mapping: no secondary function.
General-purpose digital I/O with reconfigurable port mapping secondary
P4.7/PM_NONE
48
36
C7
I/O
function
Default mapping: no secondary function.
B8,
VSSU
49
37
PU ground supply
B9
PU.0
50
38
A9
I/O
General-purpose digital I/O - controlled by PU control register
NC
51
39
B7
I/O
No connect.
PU.1
52
40
A8
I/O
General-purpose digital I/O - controlled by PU control register
LDOI
53
41
A7
LDO input
LDOO
54
42
A6
LDO output
NC
55
43
B6
No connect.
AVSS2
56
44
A5
Analog ground supply
General-purpose digital I/O
P5.2/XT2IN
57
45
B5
I/O
Input terminal for crystal oscillator XT2
General-purpose digital I/O
P5.3/XT2OUT
58
46
B4
I/O
Output terminal of crystal oscillator XT2
Test mode pin
– select digital I/O on JTAG pins
TEST/SBWTCK
59
47
A4
I
Spy-bi-wire input clock
General-purpose digital I/O
PJ.0/TDO
60
23
C5
I/O
Test data output port
General-purpose digital I/O
PJ.1/TDI/TCLK
61
24
C4
I/O
Test data input or test clock input
General-purpose digital I/O
PJ.2/TMS
62
25
A3
I/O
Test mode select
General-purpose digital I/O
PJ.3/TCK
63
26
B3
I/O
Test clock
Reset input active low
RST/NMI/SBWTDIO
64
48
A2
I/O
Non-maskable interrupt input
Spy-bi-wire data input/output
General-purpose digital I/O
P6.0/CB0/A0
1
1
A1
I/O
Comparator_B input CB0 (not available on
'5304 device)
Analog input A0
– ADC
General-purpose digital I/O
P6.1/CB1/A1
2
2
B2
I/O
Comparator_B input CB1 (not available on
'5304 device)
Analog input A1
– ADC
General-purpose digital I/O
P6.2/CB2/A2
3
3
B1
I/O
Comparator_B input CB2 (not available on
'5304 device)
Analog input A2
– ADC
General-purpose digital I/O
P6.3/CB3/A3
4
4
C2
I/O
Comparator_B input CB3 (not available on
'5304 device)
Analog input A3
– ADC
Reserved
N/A
N/A
(3)
QFN package pad. Connection to VSS recommended (not available on PT
QFN Pad
Pad
Pad
N/A
package devices)
(3)
C6, D4, D5, D6, E3, E4, E5, E6, F3, F4, F5, F6, F7, F8, G3 are reserved and should be connected to ground.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - MSP430F5308IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5308IRGZR TI1-MSP430F5308IRGZR Datasheet
1Mb / 100P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5308IRGZR TI1-MSP430F5308IRGZR Datasheet
3Mb / 109P
[Old version datasheet]   MSP430F5310, MSP430F530x Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5308IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com