Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5501IRGZR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5501IRGZR
Description  MIXED SIGNAL MICROCONTROLLER
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5501IRGZR Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F5501IRGZR Datasheet HTML 1Page - Texas Instruments MSP430F5501IRGZR Datasheet HTML 2Page - Texas Instruments MSP430F5501IRGZR Datasheet HTML 3Page - Texas Instruments MSP430F5501IRGZR Datasheet HTML 4Page - Texas Instruments MSP430F5501IRGZR Datasheet HTML 5Page - Texas Instruments MSP430F5501IRGZR Datasheet HTML 6Page - Texas Instruments MSP430F5501IRGZR Datasheet HTML 7Page - Texas Instruments MSP430F5501IRGZR Datasheet HTML 8Page - Texas Instruments MSP430F5501IRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
MSP430F550x, MSP430F5510
www.ti.com
SLAS645F
– JULY 2009 – REVISED MARCH 2011
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
Low Supply-Voltage Range, 1.8 V to 3.6 V
16-Bit Timer TA0, Timer_A With Five
Capture/Compare Registers
Ultra-Low Power Consumption
16-Bit Timer TA1, Timer_A With Three
– Active Mode (AM)
Capture/Compare Registers
All System Clocks Active
16-Bit Timer TA2, Timer_A With Three
– 195 µA/MHz at 8 MHz, 3 V, Flash
Capture/Compare Registers
Program Execution (Typical)
16-Bit Timer TB0, Timer_B With Seven
– 115 µA/MHz at 8 MHz, 3 V, RAM Program
Capture/Compare Shadow Registers
Execution (Typical)
Two Universal Serial Communication
– Standby Mode (LPM3)
Interfaces
– Real Time Clock With Crystal,
– USCI_A0 and USCI_A1 Each Supporting
Watchdog, and Supply Supervisor
Operational, Full RAM Retention, Fast
– Enhanced UART Supporting
Wake-Up:
Auto-Baudrate Detection
1.9
µA at 2.2 V, 2.1 µA at 3 V (Typical)
– IrDA Encoder and Decoder
– Low-Power Oscillator (VLO),
– Synchronous SPI
General-Purpose Counter, Watchdog,
– USCI_B0 and USCI_B1 Each Supporting
and Supply Supervisor Operational, Full
– I2CTM
RAM Retention, Fast Wake-Up:
– Synchronous SPI
1.4
µA at 3 V (Typical)
Full-Speed Universal Serial Bus (USB)
– Off Mode (LPM4)
Full RAM Retention, Supply Supervisor
– Integrated USB-PHY
Operational, Fast Wake-Up:
– Integrated 3.3-V/1.8-V USB Power System
1.1
µA at 3 V (Typical)
– Integrated USB-PLL
– Shutdown Mode (LPM4.5)
– Eight Input, Eight Output Endpoints
0.18
µA at 3 V (Typical)
10-Bit Analog-to-Digital (A/D) Converter With
Wake-Up From Standby in Less Than 5
µs
Window Comparator
16-Bit RISC Architecture, Extended Memory,
Comparator
Up to 25-MHz System Clock
Hardware Multiplier Supporting 32-Bit
Flexible Power Management System
Operations
– Fully Integrated LDO With Programmable
Serial Onboard Programming, No External
Regulated Core Supply Voltage
Programming Voltage Needed
– Supply Voltage Supervision, Monitoring,
Three Channel Internal DMA
and Brownout
Basic Timer With Real Time Clock Feature
Unified Clock System
Family Members are Summarized in Table 1
– FLL Control Loop for Frequency
For Complete Module Descriptions, See the
Stabilization
MSP430x5xx/MSP430x6xx Family User's Guide
– Low-Power Low-Frequency Internal Clock
(SLAU208)
Source (VLO)
– Low-Frequency Trimmed Internal Reference
Source (REFO)
– 32-kHz Watch Crystals (XT1)
– High-Frequency Crystals up to 32 MHz
(XT2)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MSP430F5501IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5501IRGZR TI1-MSP430F5501IRGZR Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5501IRGZR TI1-MSP430F5501IRGZR Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5501IRGZR TI1-MSP430F5501IRGZR Datasheet
3Mb / 125P
[Old version datasheet]   MSP430F5510, MSP430F550x Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5501IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com