Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430FG42X0 Datasheet(PDF) 4 Page - Texas Instruments

Part # MSP430FG42X0
Description  MIXED SIGNAL MICROCONTROLLER
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430FG42X0 Datasheet(HTML) 4 Page - Texas Instruments

  MSP430FG42X0_11 Datasheet HTML 1Page - Texas Instruments MSP430FG42X0_11 Datasheet HTML 2Page - Texas Instruments MSP430FG42X0_11 Datasheet HTML 3Page - Texas Instruments MSP430FG42X0_11 Datasheet HTML 4Page - Texas Instruments MSP430FG42X0_11 Datasheet HTML 5Page - Texas Instruments MSP430FG42X0_11 Datasheet HTML 6Page - Texas Instruments MSP430FG42X0_11 Datasheet HTML 7Page - Texas Instruments MSP430FG42X0_11 Datasheet HTML 8Page - Texas Instruments MSP430FG42X0_11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
MSP430FG42x0
MIXED SIGNAL MICROCONTROLLER
SLAS556A − JULY 2007 − REVISED AUGUST 2007
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
DVCC
DVSS
AVCC
AVSS
RST/NMI
P2
Flash
32KB
24KB
16KB
RAM
256B
Watchdog
Timer+
WDT+
15/16-Bit
Port 2
8 I/O
Interrupt
Capability
POR/
Brownout
Basic
Timer 1
1 Interrupt
Vector
LCD_A
56
Segments
1,2,3,4 MUX
8
MCLK
XOUT
JTAG
Interface
XIN
SMCLK
ACLK
MDB
MAB
Emulation
Module
P1
Port 1
8 I/O
Interrupt
Capability
8
SD16_A
16 Bit
Oscillator
FLL+
8 MHz
CPU
incl. 16
Registers
P5
Port 5
8 I/O
8
P6
Port 6
8 I/O
8
Timer_A3
3 CC Reg
DAC12
12 Bit
1 Channel
Voltage Out
OA0, OA1
2 Op
Amps
+
GND
Switches


Similar Part No. - MSP430FG42X0_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FG42X0 TI1-MSP430FG42X0_14 Datasheet
1Mb / 68P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430FG42X0_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com