Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430FG478IPN Datasheet(PDF) 7 Page - Texas Instruments

Part # MSP430FG478IPN
Description  MIXED SIGNAL MICROCONTROLLER
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430FG478IPN Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSP430FG478IPN Datasheet HTML 3Page - Texas Instruments MSP430FG478IPN Datasheet HTML 4Page - Texas Instruments MSP430FG478IPN Datasheet HTML 5Page - Texas Instruments MSP430FG478IPN Datasheet HTML 6Page - Texas Instruments MSP430FG478IPN Datasheet HTML 7Page - Texas Instruments MSP430FG478IPN Datasheet HTML 8Page - Texas Instruments MSP430FG478IPN Datasheet HTML 9Page - Texas Instruments MSP430FG478IPN Datasheet HTML 10Page - Texas Instruments MSP430FG478IPN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
MSP430FG47x
MIXED SIGNAL MICROCONTROLLER
SLAS580D -- OCTOBER 2008 -- REVISED MARCH 2011
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (continued)
TERMINAL
NO.
I/O
DESCRIPTION
NAME
80
PIN
113
PIN
I/O
DESCRIPTION
P2.2/TB1
2
B1
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI1A/B input, compare: Out1 output
P2.3/TB2
77
B4
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI2A/B input, compare: Out2 output
P2.4/UCA0TXD/
UCA0SIMO
76
A4
I/O
General-purpose digital I/O pin
USCIA transmit data output in UART mode, slave data in/master out in SPI mode
P2.5/UCA0RXD/
UCA0SOMI
75
D4
I/O
General-purpose digital I/O pin
USCI A0 receive data input in UART mode, slave data out/master in in SPI mode
P2.6/CAOUT/S2
5
D1
I/O
General-purpose digital I/O pin
Comparator_A output
LCD segment output 2
P2.7/S3
6
D2
I/O
General-purpose digital I/O pin
LCD segment output 3
P3.0/UCB0STE/
UCA0CLK
41
M12
I/O
General-purpose digital I/O pin
USCI B0 slave transmit enable/USCI A0 clock input/output
P3.1/UCB0SIMO/
UCB0SDA/S26
42
L12
I/O
General-purpose digital I/O pin
USCI B0 slave in/master out in SPI mode, SDA I2CdatainI2C mode
LCD segment output 26
P3.2/UCB0SOMI/
UCB0SCL/S27
43
K11
I/O
General-purpose digital I/O pin
USCI B0 slave out/master in in SPI mode, SCL I2C clock in I2C mode
LCD segment output 27
P3.3/UCB0CLK/
UCA0STE
44
K12
I/O
General-purpose digital I/O
USCI B0 clock input/output, USCI A0 slave transmit enable
P3.4/S28
45
J11
I/O
General-purpose digital I/O pin
LCD segment output 28
P3.5/S29
46
J12
I/O
General-purpose digital I/O pin
LCD segment output 29
P3.6/S30
47
H11
I/O
General-purpose digital I/O pin
LCD segment output 30
P3.7/S31
48
H12
I/O
General-purpose digital I/O pin
LCD segment output 31
P4.0/S11
18
K2
I/O
General-purpose digital I/O pin
LCD segment output 11
P4.1/S10
17
K1
I/O
General-purpose digital I/O pin
LCD segment output 10
P4.2/S9
16
J2
I/O
General-purpose digital I/O pin
LCD segment output 9
P4.3/S8
15
J1
I/O
General-purpose digital I/O pin
LCD segment output 8
P4.4/S7
14
H2
I/O
General-purpose digital I/O pin
LCD segment output 7
P4.5/S6
13
H1
I/O
General-purpose digital I/O pin
LCD segment output 6
P4.6/S5
12
G2
I/O
General-purpose digital I/O pin
LCD segment output 5
P4.7/S4
11
G1
I/O
General-purpose digital I/O pin
LCD segment output 4


Similar Part No. - MSP430FG478IPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FG478IPN TI1-MSP430FG478IPN Datasheet
2Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG478IPNR TI1-MSP430FG478IPNR Datasheet
2Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG478IPNR TI1-MSP430FG478IPNR Datasheet
3Mb / 97P
[Old version datasheet]   MSP430FG47x Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FG478IPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com