Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430G2X11 Datasheet(PDF) 9 Page - Texas Instruments

Part # MSP430G2X11
Description  MIXED SIGNAL MICROCONTROLLER
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430G2X11 Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430G2X11 Datasheet HTML 5Page - Texas Instruments MSP430G2X11 Datasheet HTML 6Page - Texas Instruments MSP430G2X11 Datasheet HTML 7Page - Texas Instruments MSP430G2X11 Datasheet HTML 8Page - Texas Instruments MSP430G2X11 Datasheet HTML 9Page - Texas Instruments MSP430G2X11 Datasheet HTML 10Page - Texas Instruments MSP430G2X11 Datasheet HTML 11Page - Texas Instruments MSP430G2X11 Datasheet HTML 12Page - Texas Instruments MSP430G2X11 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
MSP430G2x11
MSP430G2x01
www.ti.com
SLAS695D
– FEBRUARY 2010 – REVISED FEBRUARY 2011
Interrupt Vector Addresses
The interrupt vectors and the power-up starting address are located in the address range 0FFFFh to 0FFC0h.
The vector contains the 16-bit address of the appropriate interrupt handler instruction sequence.
If the reset vector (located at address 0FFFEh) contains 0FFFFh (e.g., flash is not programmed) the CPU will go
into LPM4 immediately after power-up.
Table 5. Interrupt Sources, Flags, and Vectors
SYSTEM
WORD
INTERRUPT SOURCE
INTERRUPT FLAG
PRIORITY
INTERRUPT
ADDRESS
Power-Up
PORIFG
External Reset
RSTIFG
Watchdog Timer+
WDTIFG
Reset
0FFFEh
31, highest
Flash key violation
KEYV(2)
PC out-of-range(1)
NMI
NMIIFG
(non)-maskable
Oscillator fault
OFIFG
(non)-maskable
0FFFCh
30
Flash memory access violation
ACCVIFG(2)(3)
(non)-maskable
0FFFAh
29
0FFF8h
28
COMP_A+
CAIFG(4)(5)
0FFF6h
27
Watchdog Timer+
WDTIFG
maskable
0FFF4h
26
Timer_A2
TACCR0 CCIFG(4)
maskable
0FFF2h
25
Timer_A2
TACCR1 CCIFG, TAIFG(2)(4)
maskable
0FFF0h
24
0FFEEh
23
0FFECh
22
0FFEAh
21
0FFE8h
20
I/O Port P2 (two flags)
P2IFG.6 to P2IFG.7(2)(4)
maskable
0FFE6h
19
I/O Port P1 (eight flags)
P1IFG.0 to P1IFG.7(2)(4)
maskable
0FFE4h
18
0FFE2h
17
0FFE0h
16
See (6)
0FFDEh to
15 to 0, lowest
0FFC0h
(1)
A reset is generated if the CPU tries to fetch instructions from within the module register memory address range (0h to 01FFh) or from
within unused address ranges.
(2)
Multiple source flags
(3)
(non)-maskable: the individual interrupt-enable bit can disable an interrupt event, but the general interrupt enable cannot.
(4)
Interrupt flags are located in the module.
(5)
Devices with COMP_A+ only
(6)
The interrupt vectors at addresses 0FFDEh to 0FFC0h are not used in this device and can be used for regular program code if
necessary.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - MSP430G2X11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2x11 TI-MSP430G2x11 Datasheet
1Mb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2x11 TI-MSP430G2x11 Datasheet
848Kb / 45P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2X11 TI-MSP430G2X11 Datasheet
1Mb / 48P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2X11 TI1-MSP430G2X11 Datasheet
1Mb / 49P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2X11-Q1 TI1-MSP430G2X11-Q1 Datasheet
840Kb / 45P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430G2X11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com