Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5524IZQER Datasheet(PDF) 1 Page - Texas Instruments

Part # MSP430F5524IZQER
Description  MIXED SIGNAL MICROCONTROLLER
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5524IZQER Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F5524IZQER Datasheet HTML 1Page - Texas Instruments MSP430F5524IZQER Datasheet HTML 2Page - Texas Instruments MSP430F5524IZQER Datasheet HTML 3Page - Texas Instruments MSP430F5524IZQER Datasheet HTML 4Page - Texas Instruments MSP430F5524IZQER Datasheet HTML 5Page - Texas Instruments MSP430F5524IZQER Datasheet HTML 6Page - Texas Instruments MSP430F5524IZQER Datasheet HTML 7Page - Texas Instruments MSP430F5524IZQER Datasheet HTML 8Page - Texas Instruments MSP430F5524IZQER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 119 page
background image
MSP430F551x
MSP430F552x
www.ti.com
SLAS590E
– MARCH 2009 – REVISED APRIL 2011
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
Low Supply-Voltage Range: 1.8 V to 3.6 V
16-Bit Timer TA0, Timer_A With Five
Capture/Compare Registers
Ultralow Power Consumption
16-Bit Timer TA1, Timer_A With Three
– Active Mode (AM):
Capture/Compare Registers
All System Clocks Active
290
µA/MHz at 8 MHz, 3.0 V, Flash Program
16-Bit Timer TA2, Timer_A With Three
Execution (Typical)
Capture/Compare Registers
150
µA/MHz at 8 MHz, 3.0 V, RAM Program
16-Bit Timer TB0, Timer_B With Seven
Execution (Typical)
Capture/Compare Shadow Registers
– Standby Mode (LPM3):
Two Universal Serial Communication
Real Time Clock With Crystal , Watchdog,
Interfaces
and Supply Supervisor Operational, Full
– USCI_A0 and USCI_A1 Each Supporting
RAM Retention, Fast Wake-Up:
– Enhanced UART supporting
1.9
µA at 2.2 V, 2.1 µA at 3.0 V (Typical)
Auto-Baudrate Detection
Low-Power Oscillator (VLO),
– IrDA Encoder and Decoder
General-Purpose Counter, Watchdog, and
Supply Supervisor Operational, Full RAM
– Synchronous SPI
Retention, Fast Wake-Up:
– USCI_B0 and USCI_B1 Each Supporting
1.4
µA at 3.0 V (Typical)
– I2CTM
– Off Mode (LPM4):
– Synchronous SPI
Full RAM Retention, Supply Supervisor
Full-Speed Universal Serial Bus (USB)
Operational, Fast Wake-Up:
– Integrated USB-PHY
1.1
µA at 3.0 V (Typical)
– Integrated 3.3-V/1.8-V USB Power System
– Shutdown Mode (LPM4.5):
0.18
µA at 3.0 V (Typical)
– Integrated USB-PLL
Wake-Up From Standby Mode in Less Than
– Eight Input, Eight Output Endpoints
5
µs
12-Bit Analog-to-Digital (A/D) Converter
16-Bit RISC Architecture, Extended Memory,
(MSP430F552x Only) With Internal Reference,
up to 25-MHz System Clock
Sample-and-Hold, and Autoscan Feature
Flexible Power Management System
Comparator
– Fully Integrated LDO With Programmable
Hardware Multiplier Supporting 32-Bit
Regulated Core Supply Voltage
Operations
– Supply Voltage Supervision, Monitoring,
Serial Onboard Programming, No External
and Brownout
Programming Voltage Needed
Unified Clock System
Three Channel Internal DMA
– FLL Control Loop for Frequency
Basic Timer With Real-Time Clock Feature
Stabilization
Family Members are Summarized in Table 1
– Low Power/Low Frequency Internal Clock
For Complete Module Descriptions, See the
Source (VLO)
MSP430x5xx Family User's Guide (SLAU208)
– Low Frequency Trimmed Internal Reference
Source (REFO)
– 32-kHz Watch Crystals (XT1)
– High-Frequency Crystals up to 32 MHz
(XT2)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MSP430F5524IZQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5524IZQER TI-MSP430F5524IZQER Datasheet
1Mb / 115P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5524IZQER TI-MSP430F5524IZQER Datasheet
1Mb / 115P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5524IZQER TI1-MSP430F5524IZQER Datasheet
2Mb / 128P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5524IZQER TI1-MSP430F5524IZQER Datasheet
2Mb / 128P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5524IZQER TI-MSP430F5524IZQER Datasheet
4Mb / 139P
[Old version datasheet]   MSP430F552x, MSP430F551x Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5524IZQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com