Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430FR5739IRHA Datasheet(PDF) 2 Page - Texas Instruments

Part # MSP430FR5739IRHA
Description  MIXED SIGNAL MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430FR5739IRHA Datasheet(HTML) 2 Page - Texas Instruments

  MSP430FR5739IRHA Datasheet HTML 1Page - Texas Instruments MSP430FR5739IRHA Datasheet HTML 2Page - Texas Instruments MSP430FR5739IRHA Datasheet HTML 3Page - Texas Instruments MSP430FR5739IRHA Datasheet HTML 4Page - Texas Instruments MSP430FR5739IRHA Datasheet HTML 5Page - Texas Instruments MSP430FR5739IRHA Datasheet HTML 6Page - Texas Instruments MSP430FR5739IRHA Datasheet HTML 7Page - Texas Instruments MSP430FR5739IRHA Datasheet HTML 8Page - Texas Instruments MSP430FR5739IRHA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
MSP430FR573x
MSP430FR572x
SLAS639
– APRIL 2011
www.ti.com
CAUTION
These products use FRAM non-volatile memory technology. FRAM retention is sensitive to extreme temperatures, such
as those experienced during reflow or hand soldering. See Absolute Maximum Ratings for more information.
DESCRIPTION
The Texas Instruments MSP430
™ family of low-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with seven low-power
modes is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The MSP430FR572x and MSP430FR573x devices are microcontroller configurations with up to five 16-bit timers,
comparator, universal serial communication interfaces (eUSCI) supporting UART, SPI, and I2C, hardware
multiplier, DMA, real-time clock module with alarm capabilities, up to 33 I/O pins, and an optional
high-performance 10-bit analog-to-digital converter (ADC). Family members available are summarized in Table 1.
Table 1. Family Members
eUSCI
System
Channel
FRAM
SRAM
Package
Channel
Device
Clock
ADC10_B
Comp_D
Timer_A(1) Timer_B(2)
I/O
A:
(KB)
(KB)
Types
B:
(MHz)
UART/
SPI/I2C
IrDA/SPI
32
RHA
12 ext /
MSP430FR5739
16
1
24
16 ch.
3, 3
3, 3, 3
2
1
2 int ch.
30
DA
6 ext /
10 ch.
17
RGE
2 int ch.
MSP430FR5738
16
1
24
3, 3
3
1
1
8 ext /
12 ch.
21
PW(3)
2 int ch.
32
RHA(3)
MSP430FR5737(3)
16
1
24
16 ch.
3, 3
3, 3, 3
2
1
30
DA(3)
10 ch.
17
RGE(3)
MSP430FR5736(3)
16
1
24
3, 3
3
1
1
12 ch.
21
PW(3)
32
RHA
12 ext /
MSP430FR5735
8
1
24
16 ch.
3, 3
3, 3, 3
2
1
2 int ch.
30
DA(3)
6 ext /
10 ch.
17
RGE(3)
2 int ch.
MSP430FR5734(3)
8
1
24
3, 3
3
1
1
8 ext /
12 ch.
21
PW(3)
2 int ch.
32
RHA(3)
MSP430FR5733(3)
8
1
24
16 ch.
3, 3
3, 3, 3
2
1
30
DA(3)
10 ch.
17
RGE(3)
MSP430FR5732(3)
8
1
24
3, 3
3
1
1
12 ch.
21
PW(3)
32
RHA(3)
12 ext /
MSP430FR5731(3)
4
0.5
24
16 ch.
3, 3
3, 3, 3
2
1
2 int ch.
30
DA(3)
6 ext /
10 ch
17
RGE
2 int ch.
MSP430FR5730
4
0.5
24
3, 3
3
1
1
8 ext /
12 ch.
21
PW(3)
2 int ch.
32
RHA
12 ext /
MSP430FR5729
16
1
8
16 ch.
3, 3
3, 3, 3
2
1
2 int ch.
30
DA
6 ext /
10 ch.
17
RGE
2 int ch.
MSP430FR5728
16
1
8
3, 3
3
1
1
8 ext /
12 ch.
21
PW(3)
2 int ch.
(1)
Each number in the sequence represents an instantiation of Timer_A with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_A, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
(2)
Each number in the sequence represents an instantiation of Timer_B with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_B, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
(3)
Product Preview
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - MSP430FR5739IRHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR5739IRHA TI1-MSP430FR5739IRHA Datasheet
1Mb / 109P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FR5739IRHA TI1-MSP430FR5739IRHA Datasheet
1Mb / 103P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FR5739IRHAR TI1-MSP430FR5739IRHAR Datasheet
1Mb / 109P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FR5739IRHAR TI1-MSP430FR5739IRHAR Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5739IRHAR TI1-MSP430FR5739IRHAR Datasheet
1Mb / 103P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430FR5739IRHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com