Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430FW429IPMR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FW429IPMR
Description  MIXED SIGNAL MICROCONTROLLER
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430FW429IPMR Datasheet(HTML) 1 Page - Texas Instruments

  MSP430FW429IPMR Datasheet HTML 1Page - Texas Instruments MSP430FW429IPMR Datasheet HTML 2Page - Texas Instruments MSP430FW429IPMR Datasheet HTML 3Page - Texas Instruments MSP430FW429IPMR Datasheet HTML 4Page - Texas Instruments MSP430FW429IPMR Datasheet HTML 5Page - Texas Instruments MSP430FW429IPMR Datasheet HTML 6Page - Texas Instruments MSP430FW429IPMR Datasheet HTML 7Page - Texas Instruments MSP430FW429IPMR Datasheet HTML 8Page - Texas Instruments MSP430FW429IPMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
MSP430FW42x
www.ti.com
SLAS383D – OCTOBER 2003 – REVISED JANUARY 2011
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
Low Supply Voltage Range: 1.8 V to 3.6 V
Supply Voltage Supervisor/Monitor With
Programmable Level Detection
Ultra-Low Power Consumption:
Bootstrap Loader in Flash Devices
Active Mode: 200 µA at 1 MHz, 2.2 V
Family Members Include:
Standby Mode: 0.7 µA
MSP430FW423:
Off Mode (RAM Retention): 0.1 µA
8KB + 256B Flash Memory,
Five Power-Saving Modes
256B RAM
Wake-Up From Standby Mode in Less Than
MSP430FW425:
6 µs
16KB + 256B Flash Memory,
Frequency-Locked Loop, FLL+
512B RAM
16-Bit RISC Architecture,
MSP430FW427:
125-ns Instruction Cycle Time
32KB + 256B Flash Memory,
Scan IF for Background Water, Heat, and Gas
1KB RAM
Volume Measurement
MSP430FW428:
16-Bit Timer_A With Three Capture/Compare
48KB + 256B Flash Memory,
Registers
2KB RAM
16-Bit Timer_A With Five Capture/Compare
MSP430FW429:
Registers
60KB + 256B Flash Memory,
Integrated LCD Driver for Up to 96 Segments
2KB RAM
On-Chip Comparator
Available in 64-Pin Quad Flat Pack (QFP)
Serial Onboard Programming, No External
For Complete Module Descriptions, See the
Programming Voltage Needed Programmable
MSP430x4xx Family User's Guide, Literature
Code Protection by Security Fuse
Number SLAU056
Brownout Detector
DESCRIPTION
The Texas Instruments MSP430 family of ultra-low-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 6 µs.
The MSP430xW42x series are microcontroller configurations with two built-in 16-bit timers, a comparator, 96
LCD segment drive capability, a scan interface, and 48 I/O pins.
Typical applications include sensor systems that capture analog signals, convert them to digital values, and
process the data and transmit them to a host system. The comparator and timers make the configurations ideal
for gas, heat, and water meters, industrial meters, counter applications, hand-held meters, etc.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MSP430FW429IPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FW429IPMR TI1-MSP430FW429IPMR Datasheet
1Mb / 61P
[Old version datasheet]   Mixed-Signal Microcontroller
More results

Similar Description - MSP430FW429IPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com