Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430C09X Datasheet(PDF) 7 Page - Texas Instruments

Part # MSP430C09X
Description  MIXED SIGNAL MICROCONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430C09X Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSP430C09X Datasheet HTML 3Page - Texas Instruments MSP430C09X Datasheet HTML 4Page - Texas Instruments MSP430C09X Datasheet HTML 5Page - Texas Instruments MSP430C09X Datasheet HTML 6Page - Texas Instruments MSP430C09X Datasheet HTML 7Page - Texas Instruments MSP430C09X Datasheet HTML 8Page - Texas Instruments MSP430C09X Datasheet HTML 9Page - Texas Instruments MSP430C09X Datasheet HTML 10Page - Texas Instruments MSP430C09X Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
MSP430L092
MSP430C09x
www.ti.com
SLAS673 – SEPTEMBER 2010
Operating Modes
The MSP430 has one active mode and five software-selectable low-power modes of operation. An interrupt
event can wake up the device from any of the five low-power modes, service the request, and restore back to the
low-power mode on return from the interrupt program.
The following six operating modes can be configured by software:
Active mode (AM)
All clocks are active
Low-power mode 0 (LPM0)
CPU is disabled
ACLK and SMCLK remain active for all sources
MCLK is disabled
Low-power mode 1 (LPM1)
CPU is disabled
ACLK and SMCLK remain active (for LF oscillator and CLKIN as source, HF oscillator is mapped to LF
oscillator as source)
MCLK is disabled
Low-power mode 2 (LPM2)
CPU is disabled
MCLK is disabled
SMCLK is disabled
ACLK remains active for all sources
Low-power mode 3 (LPM3)
CPU is disabled
MCLK is disabled
SMCLK is disabled
ACLK remains active (for LF oscillator and CLKIN as source, HF oscillator is mapped to LF oscillator as
source)
Low-power mode 4 (LPM4)
CPU is disabled
MCLK is disabled
SMCLK is disabled
ACLK is disabled
Oscillators are stopped
LPM2 vs LPM3
If only MCLK is feed by the HF oscillator (SELA
≠ 00, SELS ≠ 00, SELM = 00 of CCSCTL4 register) the following
behavior is implemented:
Entering LPM2 turns off the HF oscillator and starts again with the HF oscillator selected for MCLK
Entering LPM3 turns off the HF oscillator and starts again with the LF oscillator selected for MCLK
The only difference between LPM2 and LPM3 is the selection of the source for MCLK when re-entering active
mode and, therefore, and the level of power savings.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - MSP430C09X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430C09X TI1-MSP430C09X Datasheet
671Kb / 46P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430C09X TI1-MSP430C09X Datasheet
1Mb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430C09X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com