Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430C091SPW Datasheet(PDF) 3 Page - Texas Instruments

Part # MSP430C091SPW
Description  MIXED SIGNAL MICROCONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430C091SPW Datasheet(HTML) 3 Page - Texas Instruments

  MSP430C091SPW Datasheet HTML 1Page - Texas Instruments MSP430C091SPW Datasheet HTML 2Page - Texas Instruments MSP430C091SPW Datasheet HTML 3Page - Texas Instruments MSP430C091SPW Datasheet HTML 4Page - Texas Instruments MSP430C091SPW Datasheet HTML 5Page - Texas Instruments MSP430C091SPW Datasheet HTML 6Page - Texas Instruments MSP430C091SPW Datasheet HTML 7Page - Texas Instruments MSP430C091SPW Datasheet HTML 8Page - Texas Instruments MSP430C091SPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
1
4
3
2
SPI_CS/TCK/P2.0/TA0.2/TA1.2/TA1.1
14
11
12
13
7
6
5
8
9
10
V
SS/GND
P1.2/TA 0.2/TA1.2/ACLK/CCI0.0/AOUT/A3/BOOST
P1.5/TA0.2/TA 1.2/TA0.1
P1.6/TA 0.2/TA1.2/TA 1.1
V
CC
P1.0/TA0.2/TA1.2/ACLK/CCI0.1/A2/CLKIN
P1.1/TA0.2/TA1.2/SMCLK/CCI1.1/A1/TA0CLK
RST/NMI/SVMOUT
SPI_MISO/TDO/P2.3/TA0.2/TA1.2/CCI1.0
SPI_CLK/TDI/P2.2/TA0.2/TA1.2/CxOUT/CCI0.0
SPI_MOSI/TMS/P2.1/TA0.2/TA1.2/TA0.1
P1.3/TA 0.2/TA1.2/CxOUT/CCI1.0/VREF/A3
P1.4/TA 0.2/TA1.2/MCLK/A0/TA 1CLK
PW PACKAGE
(TOP VIEW)
2kB RAM
(128B+1792B
+96B)
Clock
System
2KB ROM
(Loader)
P2.0...P2.3
GND/VSS
MCLK
ACLK
SMCLK
I/O Port P2L
4 I/Os with
Interrupt
Capability
Watchdog
WDTA
32/16-Bit
Timer0_A3
3 CC
Registers
CPU &
Working
Registers
4W-JTAG
Analog-
Pool
Reset
Int-Logic
HF-OSC
Timer1_A3
3 CC
Register
VCC
CLKIN
VREF
TMS, TCK,
TDI, TDO
ULV-Ref.,
8-Bit ADC,
8-Bit DAC,
Comparator,
SVS
LF-OSC
ULV
Brownout
P1.0...P1.6
I/O Port P1L
7 I/Os with
Interrupt
Capability
RST/NMI/SVMOUT
Debug
support
CORE
MSP430L092
MSP430C09x
www.ti.com
SLAS673 – SEPTEMBER 2010
Pin Designation, MSP430L092PW
Functional Block Diagram, MSP430L092PW
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - MSP430C091SPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430C091 TI1-MSP430C091 Datasheet
1Mb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430C091SPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com