Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430L092SPW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430L092SPW
Description  MIXED SIGNAL MICROCONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430L092SPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430L092SPW Datasheet HTML 5Page - Texas Instruments MSP430L092SPW Datasheet HTML 6Page - Texas Instruments MSP430L092SPW Datasheet HTML 7Page - Texas Instruments MSP430L092SPW Datasheet HTML 8Page - Texas Instruments MSP430L092SPW Datasheet HTML 9Page - Texas Instruments MSP430L092SPW Datasheet HTML 10Page - Texas Instruments MSP430L092SPW Datasheet HTML 11Page - Texas Instruments MSP430L092SPW Datasheet HTML 12Page - Texas Instruments MSP430L092SPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
MSP430L092
MSP430C09x
www.ti.com
SLAS673 – SEPTEMBER 2010
Special Function Registers (SFRs)
The MSP430 SFRs are located in the lowest address space and can be accessed via word or byte formats.
Legend
rw:
Bit can be read and written.
rw-0,1:
Bit can be read and written. It is reset or set by PUC.
rw-(0,1):
Bit can be read and written. It is reset or set by POR.
SFR bit is not present in device.
Interrupt Enable 1
15
14
13
12
11
10
9
8
SVMIE
r0
r0
r0
r0
r0
r0
r0
rw-0
7
6
5
4
3
2
1
0
JMBOUTIE
JMBINIE
NMIIE
VMAIE
OFIE
WDTIE
rw-0
rw-0
r0
rw-0
rw-0
r0
rw-0
rw-0
SVMIE
SVM interrupt enable
JMBOUTIE
JMBINIE
NMIIE
Nonmaskable-interrupt enable
VMAIE
Vacant memory access interrupt enable
OFIE
WDTIE
Watchdog-timer interrupt enable. Inactive if watchdog mode is selected. Active if watchdog timer is configured as a
general-purpose timer.
Interrupt Enable 2
15
14
13
12
11
10
9
8
SVMIFG
r0
r0
r0
r0
r0
r0
r0
rw-0
7
6
5
4
3
2
1
0
JMBOUTIFG
JMBINIFG
NMIIFG
VMAIFG
OFIFG
WDTIFG
rw-0
rw-0
r0
rw-0
rw-0
r0
rw-0
rw-0
SVMIFG
Set by SVM when voltage falls below set voltage
JMBOUTIFG
JMBINIFG
NMIIFG
Set via RST/NMI pin
VMAIFG
Set on vacant memory access
OFIFG
WDTIFG
Set on watchdog timer overflow (in watchdog mode) or security key violation
Reset on VCC power-on or a reset condition at the RST/NMI pin in reset mode
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - MSP430L092SPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430L092SPW TI1-MSP430L092SPW Datasheet
1Mb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092SPWR TI1-MSP430L092SPWR Datasheet
1Mb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430L092SPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com