Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430L092SPWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430L092SPWR
Description  MIXED SIGNAL MICROCONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430L092SPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430L092SPWR Datasheet HTML 7Page - Texas Instruments MSP430L092SPWR Datasheet HTML 8Page - Texas Instruments MSP430L092SPWR Datasheet HTML 9Page - Texas Instruments MSP430L092SPWR Datasheet HTML 10Page - Texas Instruments MSP430L092SPWR Datasheet HTML 11Page - Texas Instruments MSP430L092SPWR Datasheet HTML 12Page - Texas Instruments MSP430L092SPWR Datasheet HTML 13Page - Texas Instruments MSP430L092SPWR Datasheet HTML 14Page - Texas Instruments MSP430L092SPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
MSP430L092
MSP430C09x
www.ti.com
SLAS673 – SEPTEMBER 2010
RAM Memory
The RAM memory is split into three ranges for different purposes: application memory, lockable application
memory, and calibration memory.
Lockable application memory and calibration memory can be protected against accidental erasure by setting a
dedicated lock bit in the special functions register (System Maintenance Register).
Peripherals
Peripherals are connected to the CPU through data, address, and control buses and can be handled using all
instructions. For complete module descriptions, see the MSP430x09x Family User's Guide (SLAU321).
Digital I/O
There are two I/O ports implemented: P1 (7 I/O lines) and P2 (4 I/O lines).
All individual I/O bits are independently programmable.
Any combination of input, output, and interrupt conditions is possible.
Programmable pullup or pulldown on all ports.
Edge-selectable interrupt input capability for all ports on P1 and P2.
Read/write access to port-control registers is supported by all instructions.
Ports can be accessed byte-wise (P1 and P2) or word-wise in pairs (P1/P2 combo).
Oscillator and System Clock
The clock system in the MSP430x09x family of devices is supported by the Compact Clock System (CCS)
module that includes support for an internal 20-kHz current-controlled low-frequency oscillator (LF-OSC), an
internal adjustable 1-MHz current-controlled high-frequency oscillator (HF-OSC), and an external clock input from
CLKIN; however, a missing CLKIN signal does not trigger an oscillator failsafe mechanism in this family.
The CCS module is designed to meet the requirements of both low system cost and low power consumption.
The CCS provides a fast turn-on of the oscillators, less than 1 ms. The CCS module provides the following clock
signals:
Auxiliary clock (ACLK), sourced from the 20-kHz internal LF-OSC, the 1-MHz internal HF-OSC, or CLKIN.
Main clock (MCLK), the system clock used by the CPU. MCLK can be sourced by same sources made
available to ACLK.
Sub-Main clock (SMCLK), the subsystem clock used by the peripheral modules. SMCLK can be sourced by
same sources made available to ACLK.
VLOCLK is an ultra-low-power low-frequency clock that is available as long the device is powered.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - MSP430L092SPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430L092SPWR TI1-MSP430L092SPWR Datasheet
1Mb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430L092SPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com