Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430FR5739IDA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FR5739IDA
Description  MIXED SIGNAL MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430FR5739IDA Datasheet(HTML) 1 Page - Texas Instruments

  MSP430FR5739IDA Datasheet HTML 1Page - Texas Instruments MSP430FR5739IDA Datasheet HTML 2Page - Texas Instruments MSP430FR5739IDA Datasheet HTML 3Page - Texas Instruments MSP430FR5739IDA Datasheet HTML 4Page - Texas Instruments MSP430FR5739IDA Datasheet HTML 5Page - Texas Instruments MSP430FR5739IDA Datasheet HTML 6Page - Texas Instruments MSP430FR5739IDA Datasheet HTML 7Page - Texas Instruments MSP430FR5739IDA Datasheet HTML 8Page - Texas Instruments MSP430FR5739IDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
MSP430FR573x
MSP430FR572x
www.ti.com
SLAS639
– APRIL 2011
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
Embedded Non-Volatile FRAM
– 32-kHz Watch Crystals and High-Frequency
Crystals up to 24 MHz
– Supports Universal Memory
16-Bit Timer TA0, Timer_A With Three
– Ultra-Fast Ultra-Low-Power Write Cycle
Capture/Compare Registers
– Error Correction Coding (ECC)
16-Bit Timer TA1, Timer_A With Three
– Memory Protection Unit
Capture/Compare Registers
Low Supply Voltage Range, 2.0 V to 3.6 V
16-Bit Timer TB0, Timer_B With Three
16-Bit RISC Architecture, Up to 24-MHz
Capture/Compare Shadow Registers
Low Power Consumption
16-Bit Timer TB1, Timer_B With Three
– Active Mode (AM):
Capture/Compare Shadow Registers
All System Clocks Active
16-Bit Timer TB2, Timer_B With Three
103
µA/MHz at 8 MHz, 3.0 V, FRAM Program
Capture/Compare Shadow Registers
Execution (Typical)
Enhanced Universal Serial Communication
60
µA/MHz at 8 MHz, 3.0 V, RAM Program
Interfaces
Execution (Typical)
– eUSCI_A0 and eUSCI_A1 Each Supporting
– Standby Mode (LPM3):
– Enhanced UART supporting
Real-Time Clock With Crystal , Watchdog,
Auto-Baudrate Detection
and Supply Supervisor Operational, Full
System State Retention:
– IrDA Encoder and Decoder
6.4
µA at 3.0 V (Typical)
– Synchronous SPI
Low-Power Oscillator (VLO),
– eUSCI_B0 Supporting
General-Purpose Counter, Watchdog, and
– I2C With Multi-Slave Addressing
Supply Supervisor Operational, Full System
– Synchronous SPI
State Retention:
6.3
µA at 3.0 V (Typical)
10-Bit Analog-to-Digital (A/D) Converter With
Internal Reference, Sample-and-Hold
– Off Mode (LPM4):
Full System State Retention, Supply
On-chip Comparator
Supervisor Operational:
Hardware Multiplier Supporting 32-Bit
5.9
µA at 3.0 V (Typical)
Operations
– Real-Time Clock Mode (LPM3.5):
Three Channel Internal DMA
1.5
µA at 3.0 V (Typical)
Real-Time Clock with Calendar and Alarm
– Shutdown Mode (LPM4.5):
Functions
0.32
µA at 3.0 V (Typical)
Serial Onboard Programming, No External
Power Management System
Programming Voltage Needed
– Fully Integrated LDO
Family Members and Available Options Are
– Supply Voltage Supervision and Brownout
Summarized in Table 1.
Clock System
For Complete Module Descriptions, See the
MSP430FR57xx Family User's Guide
– Factory Trimmed DCO With Three
(SLAU272)
Selectable Frequencies
– Low-Power/Low-Frequency Internal Clock
Source (VLO)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the
Copyright
© 2011, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - MSP430FR5739IDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR5739IDA TI1-MSP430FR5739IDA Datasheet
1Mb / 109P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FR5739IDA TI1-MSP430FR5739IDA Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5739IDA TI1-MSP430FR5739IDA Datasheet
1Mb / 103P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FR5739IDAR TI1-MSP430FR5739IDAR Datasheet
1Mb / 109P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FR5739IDAR TI1-MSP430FR5739IDAR Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR5739IDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com