Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430G2402IPW14 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430G2402IPW14
Description  MIXED SIGNAL MICROCONTROLLER
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430G2402IPW14 Datasheet(HTML) 1 Page - Texas Instruments

  MSP430G2402IPW14 Datasheet HTML 1Page - Texas Instruments MSP430G2402IPW14 Datasheet HTML 2Page - Texas Instruments MSP430G2402IPW14 Datasheet HTML 3Page - Texas Instruments MSP430G2402IPW14 Datasheet HTML 4Page - Texas Instruments MSP430G2402IPW14 Datasheet HTML 5Page - Texas Instruments MSP430G2402IPW14 Datasheet HTML 6Page - Texas Instruments MSP430G2402IPW14 Datasheet HTML 7Page - Texas Instruments MSP430G2402IPW14 Datasheet HTML 8Page - Texas Instruments MSP430G2402IPW14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
MSP430G2x32
MSP430G2x02
www.ti.com
SLAS723B
– DECEMBER 2010 – REVISED MARCH 2011
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
Low Supply Voltage Range: 1.8 V to 3.6 V
Universal Serial Interface (USI) Supporting SPI
and I2C
Ultra-Low Power Consumption
10-Bit 200-ksps Analog-to-Digital (A/D)
– Active Mode: 220 µA at 1 MHz, 2.2 V
Converter With Internal Reference,
– Standby Mode: 0.5 µA
Sample-and-Hold, and Autoscan
– Off Mode (RAM Retention): 0.1 µA
(MSP430G2x32 Only)
Five Power-Saving Modes
Brownout Detector
Ultra-Fast Wake-Up From Standby Mode in
Serial Onboard Programming,
Less Than 1
µs
No External Programming Voltage Needed,
16-Bit RISC Architecture, 62.5-ns Instruction
Programmable Code Protection by Security
Cycle Time
Fuse
Basic Clock Module Configurations
On-Chip Emulation Logic With Spy-Bi-Wire
– Internal Frequencies up to 16 MHz With
Interface
Four Calibrated Frequencies
Family Members are Summarized in Table 1
– Internal Very-Low-Power Low-Frequency
Package Options
(LF) Oscillator
– TSSOP: 14 Pin, 20 Pin
– 32-kHz Crystal
– PDIP: 20 Pin
– External Digital Clock Source
– QFN: 16 Pin
One 16-Bit Timer_A With Three
For Complete Module Descriptions, See the
Capture/Compare Registers
MSP430x2xx Family User
’s Guide (SLAU144)
Up to 16 Touch-Sense Enabled I/O Pins
DESCRIPTION
The Texas Instruments MSP430
™ family of ultra-low-power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 1
µs.
The
MSP430G2x32
and
MSP430G2x02
series
of
microcontrollers
are
ultra-low-power
mixed
signal
microcontrollers with built-in 16-bit timers, and up to 16 I/O touch sense enabled pins and built-in communication
capability using the universal serial communication interface. The MSP430G2x32 series have a 10-bit A/D
converter. For configuration details see Table 1. Typical applications include low-cost sensor systems that
capture analog signals, convert them to digital values, and then process the data for display or for transmission
to a host system.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MSP430G2402IPW14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2402IPW14 TI1-MSP430G2402IPW14 Datasheet
877Kb / 59P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2402IPW14R TI1-MSP430G2402IPW14R Datasheet
877Kb / 59P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430G2402IPW14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com