Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430P112AY Datasheet(PDF) 7 Page - Texas Instruments

Part # MSP430P112AY
Description  MIXED SIGNAL MICROCONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430P112AY Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSP430P112AY Datasheet HTML 3Page - Texas Instruments MSP430P112AY Datasheet HTML 4Page - Texas Instruments MSP430P112AY Datasheet HTML 5Page - Texas Instruments MSP430P112AY Datasheet HTML 6Page - Texas Instruments MSP430P112AY Datasheet HTML 7Page - Texas Instruments MSP430P112AY Datasheet HTML 8Page - Texas Instruments MSP430P112AY Datasheet HTML 9Page - Texas Instruments MSP430P112AY Datasheet HTML 10Page - Texas Instruments MSP430P112AY Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
MSP430x11x
MIXED SIGNAL MICROCONTROLLERS
SLAS196D− DECEMBER 1998 − REVISED SEPTEMBER 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
special function registers
Most interrupt and module enable bits are collected into the lowest address space. Special function register bits
that are not allocated to a functional purpose are not physically present in the device. Simple software access
is provided with this arrangement.
interrupt enable 1
76
5
4
0
OFIE
WDTIE
32
1
rw-0
rw-0
rw-0
Address
0h
NMIIE
WDTIE:
Watchdog Timer interrupt enable. Inactive if watchdog mode is selected. Active if Watchdog Timer
is configured in interval timer mode.
OFIE:
Oscillator fault enable
NMIIE:
(Non)maskable interrupt enable
interrupt flag register 1
76
5
4
0
OFIFG
WDTIFG
32
1
rw-0
rw-1
rw-(0)
Address
02h
NMIIFG
WDTIFG:
Set on Watchdog Timer overflow (in watchdog mode) or security key violation.
Reset on VCC power-up or a reset condition at RST/NMI pin in reset mode.
OFIFG:
Flag set on oscillator fault
NMIIFG:
Set via RST/NMI-pin
Legend
rw:
rw-0,1:
Bit can be read and written.
Bit can be read and written. It is Reset or Set by PUC
SFR bit is not present in device.
rw-(0,1):
Bit can be read and written. It is Reset or Set by POR


Similar Part No. - MSP430P112AY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430P112AY TI1-MSP430P112AY Datasheet
778Kb / 35P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
More results

Similar Description - MSP430P112AY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com