Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPD-65 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # RPD-65
Description  65W Dual Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RPD-65 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  RPD-65_10 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RPD-65_10 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RPD-65_10 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
-20
-10
0
10
20
30
40
50
60
20
40
60
ForPCBwith
L-Bracket+coveroption
ForbothPCBonlyandwith
L-Bracket+coveroption
80
100
90
100
110
135
155
264
230
100
90
80
70
60
50
40
INPUTVOLTAGE(V)60Hz
OutputDeratingVSInputVoltage
PCBonly
DeratingCurve
65WDualOutputSwitchingPowerSupply
R P D - 6 5 series
FileName:RPD-65-SPEC2010-10-18


Similar Part No. - RPD-65_10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPD-65 MEANWELL-RPD-65_11 Datasheet
1Mb / 3P
   65W Dual Output Switching Power Supply
More results

Similar Description - RPD-65_10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65_11 Datasheet
428Kb / 2P
   65W Dual Output Switching Power Supply
logo
Astrodyne Corporation
PD65 ASTRODYNE-PD65 Datasheet
327Kb / 4P
   65W Dual Output Switching Power Supply
logo
Total Power Internation...
RD-65 TOTAL-POWER-RD-65 Datasheet
499Kb / 2P
   65W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RID-65 MEANWELL-RID-65 Datasheet
429Kb / 2P
   65W Dual Output Switching Power Supply
RD-65 MEANWELL-RD-65_10 Datasheet
436Kb / 2P
   65W Dual Output Switching Power Supply
RID-65 MEANWELL-RID-65_10 Datasheet
437Kb / 2P
   65W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RID65 ASTRODYNE-RID65 Datasheet
640Kb / 4P
   65W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65 Datasheet
424Kb / 2P
   65W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
PD-65 RSG-PD-65 Datasheet
120Kb / 2P
   65W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RID-65 MEANWELL-RID-65_11 Datasheet
437Kb / 2P
   65W Dual Output Switching Power Supply
RD-65 MEANWELL-RD-65_11 Datasheet
437Kb / 2P
   65W Dual Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com