Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430G2112IPW20 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430G2112IPW20
Description  MIXED SIGNAL MICROCONTROLLER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430G2112IPW20 Datasheet(HTML) 5 Page - Texas Instruments

  MSP430G2112IPW20 Datasheet HTML 1Page - Texas Instruments MSP430G2112IPW20 Datasheet HTML 2Page - Texas Instruments MSP430G2112IPW20 Datasheet HTML 3Page - Texas Instruments MSP430G2112IPW20 Datasheet HTML 4Page - Texas Instruments MSP430G2112IPW20 Datasheet HTML 5Page - Texas Instruments MSP430G2112IPW20 Datasheet HTML 6Page - Texas Instruments MSP430G2112IPW20 Datasheet HTML 7Page - Texas Instruments MSP430G2112IPW20 Datasheet HTML 8Page - Texas Instruments MSP430G2112IPW20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
MSP430G2x52
MSP430G2x12
www.ti.com
SLAS722B
– DECEMBER 2010 – REVISED MARCH 2011
Table 2. Terminal Functions
TERMINAL
NO.
I/O
DESCRIPTION
NAME
14
16
20
PW
RSA
N, PW
P1.0/
General-purpose digital I/O pin
TA0CLK/
Timer0_A, clock signal TACLK input
ACLK/
2
1
2
I/O
ACLK signal output
A0/
ADC10 analog input A0(1)
CA0
Comparator_A+, CA0 input
P1.1/
General-purpose digital I/O pin
TA0.0/
Timer0_A, capture: CCI0A input, compare: Out0 output
3
2
3
I/O
A1/
ADC10 analog input A1(1)
CA1
Comparator_A+, CA1 input
P1.2/
General-purpose digital I/O pin
TA0.1/
Timer0_A, capture: CCI1A input, compare: Out1 output
4
3
4
I/O
A2/
ADC10 analog input A2(1)
CA2
Comparator_A+, CA2 input
P1.3/
General-purpose digital I/O pin
ADC10CLK/
ADC10, conversion clock output(1)
CAOUT/
Comparator_A+, output
5
4
5
I/O
A3/
ADC10 analog input A3(1)
VREF-/VEREF/
ADC10 negative reference voltage(1)
CA3
Comparator_A+, CA3 input
P1.4/
General-purpose digital I/O pin
SMCLK/
SMCLK signal output
TA0.2/
Timer0_A, capture: CCI2A input, compare: Out2 output
A4/
6
5
6
I/O
ADC10 analog input A4(1)
VREF+/VEREF+/
ADC10 positive reference voltage(1)
CA4/
Comparator_A+, CA4 input
TCK
JTAG test clock, input terminal for device programming and test
P1.5/
General-purpose digital I/O pin
TA0.0/
Timer0_A, compare: Out0 output
SCLK/
USI: clk input in I2C mode; clk in/output in SPI mode
7
6
7
I/O
A5/
ADC10 analog input A5(1)
CA5/
Comparator_A+, CA5 input
TMS
JTAG test mode select, input terminal for device programming and test
P1.6/
General-purpose digital I/O pin
TA0.1/
Timer0_A, compare: Out1 output
SDO/
USI: Data output in SPI mode
SCL/
8
7
14
I/O
USI: I2C clock in I2C mode
A6/
ADC10 analog input A6(1)
CA6/
Comparator_A+, CA6 input
TDI/TCLK
JTAG test data input or test clock input during programming and test
(1)
Available only on MSP430G2x52 devices.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - MSP430G2112IPW20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2112IPW20 TI1-MSP430G2112IPW20 Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
DECEMBER2011
MSP430G2112IPW20R TI1-MSP430G2112IPW20R Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
DECEMBER2011
More results

Similar Description - MSP430G2112IPW20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com