Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430X11X2 Datasheet(PDF) 11 Page - Texas Instruments

Part # MSP430X11X2
Description  MIXED SIGNAL MICROCONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430X11X2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430X11X2_11 Datasheet HTML 7Page - Texas Instruments MSP430X11X2_11 Datasheet HTML 8Page - Texas Instruments MSP430X11X2_11 Datasheet HTML 9Page - Texas Instruments MSP430X11X2_11 Datasheet HTML 10Page - Texas Instruments MSP430X11X2_11 Datasheet HTML 11Page - Texas Instruments MSP430X11X2_11 Datasheet HTML 12Page - Texas Instruments MSP430X11X2_11 Datasheet HTML 13Page - Texas Instruments MSP430X11X2_11 Datasheet HTML 14Page - Texas Instruments MSP430X11X2_11 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
MSP430x11x2, MSP430x12x2
MIXED SIGNAL MICROCONTROLLER
SLAS361D − JANUARY 2002 − REVISED AUGUST 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
module enable registers 1 and 2
76
5
4
0
32
1
Address
04h
76
5
4
0
32
1
Address
05h
UTXE0
URXE0
USPIE0
rw-0
rw-0
URXE0:
USART0: UART mode receive enable (MSP430x12x2 devices only)
UTXE0:
USART0: UART mode transmit enable (MSP430x12x2 devices only)
USPIE0:
USART0: SPI mode transmit and receive enable (MSP430x12x2 devices only)
Legend
rw:
rw-0,1:
Bit can be read and written.
Bit can be read and written. It is Reset or Set by PUC
SFR bit is not present in device.
Bit can be read and written. It is Reset or Set by POR
rw-(0,1):
memory organization
MSP430F1122
MSP430F1132
MSP430F1222
MSP430F1232
Memory
Main: interrupt vector
Main: code memory
Size
Flash
Flash
4KB Flash
0FFFFh−0FFE0h
0FFFFh−0F000h
8KB Flash
0FFFFh−0FFE0h
0FFFFh−0E000h
4KB Flash
0FFFFh−0FFE0h
0FFFFh−0F000h
8KB Flash
0FFFFh−0FFE0h
0FFFFh−0E000h
Information memory
Size
Flash
256 Byte
010FFh − 01000h
256 Byte
010FFh − 01000h
256 Byte
010FFh − 01000h
256 Byte
010FFh − 01000h
Boot memory
Size
ROM
1KB
0FFFh − 0C00h
1KB
0FFFh − 0C00h
1KB
0FFFh − 0C00h
1KB
0FFFh − 0C00h
RAM
Size
256 Byte
02FFh − 0200h
256 Byte
02FFh − 0200h
256 Byte
02FFh − 0200h
256 Byte
02FFh − 0200h
Peripherals
16-bit
8-bit
8-bit SFR
01FFh − 0100h
0FFh − 010h
0Fh − 00h
01FFh − 0100h
0FFh − 010h
0Fh − 00h
01FFh − 0100h
0FFh − 010h
0Fh − 00h
01FFh − 0100h
0FFh − 010h
0Fh − 00h
bootstrap loader (BSL)
The MSP430 bootstrap loader (BSL) enables users to program the flash memory or RAM using a UART serial
interface. Access to the MSP430 memory via the BSL is protected by user-defined password. For complete
description of the features of the BSL and its implementation, see the Application report Features of the MSP430
Bootstrap Loader, Literature Number SLAA089.
BSL Function
MSP430x11x2
DW & PW Package
(20 Pins)
MSP430x12x2
DW & PW Package
(28 Pins)
MSP430x11x2/12x2
RHB Package
(32 Pins)
Data Transmit
14 - P1.1
22 - P1.1
22 - P1.1
Data Receive
10 - P2.2
10 - P2.2
8 - P2.2


Similar Part No. - MSP430X11X2_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X11X2 TI1-MSP430X11X2_17 Datasheet
1Mb / 57P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430X11X2_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com