Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2101IDGV Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2101IDGV
Description  MIXED SIGNAL MICROCONTROLLER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2101IDGV Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430F2101IDGV Datasheet HTML 7Page - Texas Instruments MSP430F2101IDGV Datasheet HTML 8Page - Texas Instruments MSP430F2101IDGV Datasheet HTML 9Page - Texas Instruments MSP430F2101IDGV Datasheet HTML 10Page - Texas Instruments MSP430F2101IDGV Datasheet HTML 11Page - Texas Instruments MSP430F2101IDGV Datasheet HTML 12Page - Texas Instruments MSP430F2101IDGV Datasheet HTML 13Page - Texas Instruments MSP430F2101IDGV Datasheet HTML 14Page - Texas Instruments MSP430F2101IDGV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
MSP430x21x1
MIXED SIGNAL MICROCONTROLLER
SLAS439D -- SEPTEMBER 2004 -- REVISED SEPTEMBER 2010
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
peripheral file map
PERIPHERALS WITH WORD ACCESS
Timer_A
Capture/compare register
Capture/compare register
Capture/compare register
Timer_A register
Capture/compare control
Capture/compare control
Capture/compare control
Timer_A control
Timer_A interrupt vector
TACCR2
TACCR1
TACCR0
TAR
TACCTL2
TACCTL1
TACCTL0
TACTL
TAIV
0176h
0174h
0172h
0170h
0166h
0164h
0162h
0160h
012Eh
Flash Memory
Flash control 3
Flash control 2
Flash control 1
FCTL3
FCTL2
FCTL1
012Ch
012Ah
0128h
Watchdog TImer+
Watchdog/timer control
WDTCTL
0120h
PERIPHERALS WITH BYTE ACCESS
Comparator_A+
Comparator_A+ port disable
Comparator_A+ control 2
Comparator_A+ control 1
CAPD
CACTL2
CACTL1
05Bh
05Ah
059h
Basic Clock
Basic clock system control 3
Basic clock system control 2
Basic clock system control 1
DCO clock frequency control
BCSCTL3
BCSCTL2
BCSCTL1
DCOCTL
053h
058h
057h
056h
Port P2
Port P2 resistor enable
Port P2 selection
Port P2 interrupt enable
Port P2 interrupt edge select
Port P2 interrupt flag
Port P2 direction
Port P2 output
Port P2 input
P2REN
P2SEL
P2IE
P2IES
P2IFG
P2DIR
P2OUT
P2IN
02Fh
02Eh
02Dh
02Ch
02Bh
02Ah
029h
028h
Port P1
Port P1 resistor enable
Port P1 selection
Port P1 interrupt enable
Port P1 interrupt edge select
Port P1 interrupt flag
Port P1 direction
Port P1 output
Port P1 input
P1REN
P1SEL
P1IE
P1IES
P1IFG
P1DIR
P1OUT
P1IN
027h
026h
025h
024h
023h
022h
021h
020h
Special Function
SFR interrupt flag 2
SFR interrupt flag 1
SFR interrupt enable 2
SFR interrupt enable 1
IFG2
IFG1
IE2
IE1
003h
002h
001h
000h


Similar Part No. - MSP430F2101IDGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2101IDGV TI-MSP430F2101IDGV Datasheet
1Mb / 53P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101IDGV TI-MSP430F2101IDGV Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101IDGV TI-MSP430F2101IDGV Datasheet
1Mb / 52P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101IDGV TI-MSP430F2101IDGV Datasheet
1Mb / 60P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101IDGVR TI-MSP430F2101IDGVR Datasheet
1Mb / 53P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2101IDGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com