Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430G2403IRHB32R Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430G2403IRHB32R
Description  MIXED SIGNAL MICROCONTROLLER
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430G2403IRHB32R Datasheet(HTML) 5 Page - Texas Instruments

  MSP430G2403IRHB32R Datasheet HTML 1Page - Texas Instruments MSP430G2403IRHB32R Datasheet HTML 2Page - Texas Instruments MSP430G2403IRHB32R Datasheet HTML 3Page - Texas Instruments MSP430G2403IRHB32R Datasheet HTML 4Page - Texas Instruments MSP430G2403IRHB32R Datasheet HTML 5Page - Texas Instruments MSP430G2403IRHB32R Datasheet HTML 6Page - Texas Instruments MSP430G2403IRHB32R Datasheet HTML 7Page - Texas Instruments MSP430G2403IRHB32R Datasheet HTML 8Page - Texas Instruments MSP430G2403IRHB32R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
MSP430G2x33
MSP430G2x03
www.ti.com
SLAS734A
– APRIL 2011 – REVISED MAY 2011
Table 2. Terminal Functions
TERMINAL
NO.
I/O
DESCRIPTION
NAME
PW20,
PW28
RHB32
N20
P1.0/
General-purpose digital I/O pin
TA0CLK/
Timer0_A, clock signal TACLK input
2
2
31
I/O
ACLK/
ACLK signal output
A0
ADC10 analog input A0(1)
P1.1/
General-purpose digital I/O pin
TA0.0/
Timer0_A, capture: CCI0A input, compare: Out0 output
UCA0RXD/
3
3
1
I/O
USCI_A0 receive data input in UART mode,
UCA0SOMI/
USCI_A0 slave data out/master in SPI mode
A1
ADC10 analog input A1(1)
P1.2/
General-purpose digital I/O pin
TA0.1/
Timer0_A, capture: CCI1A input, compare: Out1 output
UCA0TXD/
4
4
2
I/O
USCI_A0 transmit data output in UART mode,
UCA0SIMO/
USCI_A0 slave data in/master out in SPI mode,
A2
ADC10 analog input A2(1)
P1.3/
General-purpose digital I/O pin
ADC10CLK/
ADC10, conversion clock output(1)
5
5
3
I/O
A3/
ADC10 analog input A3(1)
VREF-/VEREF-
ADC10 negative reference voltage (1)
P1.4/
General-purpose digital I/O pin
SMCLK/
SMCLK signal output
UCB0STE/
USCI_B0 slave transmit enable
UCA0CLK/
6
6
4
I/O
USCI_A0 clock input/output
A4/
ADC10 analog input A4(1)
VREF+/VEREF+
ADC10 positive reference voltage(1)
TCK
JTAG test clock, input terminal for device programming and test
P1.5/
General-purpose digital I/O pin
TA0.0/
Timer0_A, compare: Out0 output
UCB0CLK/
USCI_B0 clock input/output,
7
7
5
I/O
UCA0STE/
USCI_A0 slave transmit enable
A5/
ADC10 analog input A5(1)
TMS
JTAG test mode select, input terminal for device programming and test
P1.6/
General-purpose digital I/O pin
TA0.1/
Timer0_A, compare: Out1 output
A6/
ADC10 analog input A6(1)
14
22
21
I/O
UCB0SOMI/
USCI_B0 slave out/master in SPI mode,
UCB0SCL/
USCI_B0 SCL I2C clock in I2C mode
TDI/TCLK
JTAG test data input or test clock input during programming and test
P1.7/
General-purpose digital I/O pin
A7/
ADC10 analog input A7(1)
UCB0SIMO/
USCI_B0 slave in/master out in SPI mode
15
23
22
I/O
UCB0SDA/
USCI_B0 SDA I2C data in I2C mode
TDO/TDI
JTAG test data output terminal or test data input during programming and
test(2)
(1)
MSP430G2x33 devices only
(2)
TDO or TDI is selected via JTAG instruction.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - MSP430G2403IRHB32R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2403 TI1-MSP430G2403 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430G2403 TI-MSP430G2403 Datasheet
3Mb / 33P
[Old version datasheet]   MSP430G2553 LaunchPad??Development Kit
June 2018?밨evised March 2
More results

Similar Description - MSP430G2403IRHB32R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com