Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430G2252IPW14R Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430G2252IPW14R
Description  MIXED SIGNAL MICROCONTROLLER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430G2252IPW14R Datasheet(HTML) 6 Page - Texas Instruments

Back Button MSP430G2252IPW14R Datasheet HTML 2Page - Texas Instruments MSP430G2252IPW14R Datasheet HTML 3Page - Texas Instruments MSP430G2252IPW14R Datasheet HTML 4Page - Texas Instruments MSP430G2252IPW14R Datasheet HTML 5Page - Texas Instruments MSP430G2252IPW14R Datasheet HTML 6Page - Texas Instruments MSP430G2252IPW14R Datasheet HTML 7Page - Texas Instruments MSP430G2252IPW14R Datasheet HTML 8Page - Texas Instruments MSP430G2252IPW14R Datasheet HTML 9Page - Texas Instruments MSP430G2252IPW14R Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
MSP430G2x52
MSP430G2x12
SLAS722B
– DECEMBER 2010 – REVISED MARCH 2011
www.ti.com
Table 2. Terminal Functions (continued)
TERMINAL
NO.
I/O
DESCRIPTION
NAME
14
16
20
PW
RSA
N, PW
P1.7/
General-purpose digital I/O pin
CAOUT/
Comparator_A+, output
SDI/
USI: Data input in SPI mode
SDA/
9
8
15
I/O
USI: I2C data in I2C mode
A7/
ADC10 analog input A7(1)
CA7/
Comparator_A+, CA7 input
TDO/TDI(2)
JTAG test data output terminal or test data input during programming and test
P2.0
-
-
8
I/O
General-purpose digital I/O pin
P2.1
-
-
9
I/O
General-purpose digital I/O pin
P2.2
-
-
10
I/O
General-purpose digital I/O pin
P2.3
-
-
11
I/O
General-purpose digital I/O pin
P2.4
-
-
12
I/O
General-purpose digital I/O pin
P2.5
-
-
13
I/O
General-purpose digital I/O pin
XIN/
Input terminal of crystal oscillator
P2.6/
13
12
19
I/O
General-purpose digital I/O pin
TA0.1
Timer0_A, compare: Out1 output
XOUT/
Output terminal of crystal oscillator(3)
12
11
18
I/O
P2.7
General-purpose digital I/O pin
RST/
Reset
NMI/
10
9
16
I
Nonmaskable interrupt input
SBWTDIO
Spy-Bi-Wire test data input/output during programming and test
TEST/
Selects test mode for JTAG pins on port 1. The device protection fuse is
connected to TEST.
11
10
17
I
SBWTCK
Spy-Bi-Wire test clock input during programming and test
DVCC
1
16
1
NA
Supply voltage
AVCC
-
15
-
NA
Supply voltage
DVSS
14
14
20
NA
Ground reference
AVSS
-
13
-
NA
Ground reference
NC
-
-
-
NA
Not connected
QFN Pad
-
Pad
-
NA
QFN package pad connection to VSS recommended.
(2)
TDO or TDI is selected via JTAG instruction.
(3)
If XOUT/P2.7 is used as an input, excess current flows until P2SEL.7 is cleared. This is due to the oscillator output driver connection to
this pad after reset.
6
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - MSP430G2252IPW14R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2252IPW14R TI1-MSP430G2252IPW14R Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
DECEMBER2011
More results

Similar Description - MSP430G2252IPW14R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com