Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430P315SIDL Datasheet(PDF) 5 Page - Texas Instruments

Part # MSP430P315SIDL
Description  MIXED SIGNAL MICROCONTROLLERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430P315SIDL Datasheet(HTML) 5 Page - Texas Instruments

  MSP430P315SIDL Datasheet HTML 1Page - Texas Instruments MSP430P315SIDL Datasheet HTML 2Page - Texas Instruments MSP430P315SIDL Datasheet HTML 3Page - Texas Instruments MSP430P315SIDL Datasheet HTML 4Page - Texas Instruments MSP430P315SIDL Datasheet HTML 5Page - Texas Instruments MSP430P315SIDL Datasheet HTML 6Page - Texas Instruments MSP430P315SIDL Datasheet HTML 7Page - Texas Instruments MSP430P315SIDL Datasheet HTML 8Page - Texas Instruments MSP430P315SIDL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
MSP430x31x
MIXED SIGNAL MICROCONTROLLERS
SLAS165D − FEBRUARY 1998 − REVISED APRIL 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions
MSP430C311S, MSP430P315S
48-pin SSOP package
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CIN
24
I
Counter enable. CIN input enables counter (TPCNT1) (timer/port).
COM0 − COM3
44 − 47
O
Common output pins, COM0 − COM3 are used for LCD back planes.
P0.1/RXD
12
I/O
General-purpose digital I/O pin, receive data input port − 8-Bit (timer/counter)
P0.2/TXD
13
I/O
General-purpose digital I/O pin, transmit data output port − 8-Bit (timer/counter)
P0.3
14
I/O
General-purpose digital I/O pins, bit 3
P0.4
15
I/O
General-purpose digital I/O pins, bit 4
P0.5
16
I/O
General-purpose digital I/O pins, bit 5
P0.6
17
I/O
General-purpose digital I/O pins, bit 6
R23
8
I
Input of second positive analog LCD level (V2) (LCD)
R13
9
I
Input of third positive analog LCD level (V3 of V4) (LCD)
RST/NMI
4
I
Reset input or nonmaskable interrupt input
S2/O2 − S5/O5
25 − 28
O
Segment lines (S2 to S5) or digital output port O2 to O5, group 1 (LCD)
S6/O6 − S9/O9
29 − 32
O
Segment lines (S6 to S9) or digital output port O6 to O9, group 2 (LCD)
S10/O10 − S13/O13
33 − 36
O
Segment lines (S10 to S13) or digital output port O10 to O13, group 3 (LCD)
S14/O14 − S16/O16
37 − 39
O
Segment lines (S14 to S17) or digital output port O14 to O17, group 4 (LCD)
S27/O27/CMPI
43
I/O
Segment line (S27) or digital output port O27 group 7, can be used as a comparator input port CMPI
(timer/port)
TCK
3
I
Test clock. TCK is a clock input terminal for device programming and test.
TDI/VPP
1
I
Test data input port. TDI/VPP is used as a data input terminal or an input for programming voltage.
TDO/TDI
48
I/O
Test data output port. TDO/TDI is used as a data output terminal or as a data input during
programming.
TMS
2
I
Test mode select. TMS is an input terminal for device programming and test.
TP0.0
19
O/Z
General-purpose 3-state digital output port, bit 0 (timer/port)
TP0.1
20
O/Z
General-purpose 3-state digital output port, bit 1 (timer/port)
TP0.2
21
O/Z
General-purpose 3-state digital output port, bit 2 (timer/port)
TP0.3
22
O/Z
General-purpose 3-state digital output port, bit 3 (timer/port)
TP0.5
23
I/O/Z
General-purpose 3-state digital I/O pin, bit 5 (timer/port)
VCC
7
Supply voltage
VSS
6, 41
Ground references
XBUF
5
O
Clock signal output of system clock (MCLK) or crystal clock (ACLK)
Xin
10
I
Input terminal of crystal oscillator
Xout/TCLK
11
I/O
Output terminal of crystal oscillator or test clock input


Similar Part No. - MSP430P315SIDL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430P315SIDL TI-MSP430P315SIDL Datasheet
399Kb / 30P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430P315SIDL TI1-MSP430P315SIDL Datasheet
433Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430P315SIDLR TI1-MSP430P315SIDLR Datasheet
433Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
More results

Similar Description - MSP430P315SIDL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com