Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMS430E315FZ Datasheet(PDF) 9 Page - Texas Instruments

Part # PMS430E315FZ
Description  MIXED SIGNAL MICROCONTROLLERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PMS430E315FZ Datasheet(HTML) 9 Page - Texas Instruments

Back Button PMS430E315FZ Datasheet HTML 5Page - Texas Instruments PMS430E315FZ Datasheet HTML 6Page - Texas Instruments PMS430E315FZ Datasheet HTML 7Page - Texas Instruments PMS430E315FZ Datasheet HTML 8Page - Texas Instruments PMS430E315FZ Datasheet HTML 9Page - Texas Instruments PMS430E315FZ Datasheet HTML 10Page - Texas Instruments PMS430E315FZ Datasheet HTML 11Page - Texas Instruments PMS430E315FZ Datasheet HTML 12Page - Texas Instruments PMS430E315FZ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
MSP430x31x
MIXED SIGNAL MICROCONTROLLERS
SLAS165D − FEBRUARY 1998 − REVISED APRIL 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
special function registers
Most interrupt and module enable bits are collected into the lowest address space. Special function register bits
that are not allocated to a functional purpose are not physically present in the device. Simple software access
is provided with this arrangement.
interrupt enable 1 and 2
76
5
4
0
P0IE.1
OFIE
WDTIE
32
1
P0IE.0
rw-0
rw-0
rw-0
rw-0
Address
0h
WDTIE:
Watchdog Timer enable signal
OFIE:
Oscillator fault enable signal
P0IE.0:
Dedicated I/O P0.0
P0IE.1:
P0.1 or 8-Bit Timer/Counter, RXD
76
5
4
0
TPIE
rw-0
32
1
rw-0
Address
01h
BTIE
TPIE:
Timer/Port enable signal
BTIE:
Basic Timer1 enable signal
interrupt flag register 1 and 2
76
5
4
0
P0IFG.1
OFIFG
WDTIFG
32
1
rw-0
rw-1
rw-0
Address
02h
NMIIFG
P0IFG.0
rw-0
rw-0
WDTIFG:
Set on overflow or security key violation
OR
Reset on VCC power-on or reset condition at RST/NMI-pin
OFIFG:
Flag set on oscillator fault
P0.0IFG:
Dedicated I/O P0.0
P0.1IFG:
P0.1 or 8-Bit Timer/Counter, RXD
NMIIFG:
Signal at RST/NMI-pin
76
5
4
0
rw
32
1
Address
03h
BTIFG
BTIFG:
Basic Timer1 flag
module enable register 1 and 2
76
5
4
0
32
1
Address
04h
76
5
4
0
32
1
Address
05h
Legend
rw:
rw-0:
Bit can be read and written.
Bit can be read and written. It is reset by PUC
SFR bit is not present in device.


Similar Part No. - PMS430E315FZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PMS430E315FZ TI-PMS430E315FZ Datasheet
399Kb / 30P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
PMS430E315FZ TI1-PMS430E315FZ Datasheet
433Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
More results

Similar Description - PMS430E315FZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com