Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2111IPW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2111IPW
Description  MIXED SIGNAL MICROCONTROLLER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2111IPW Datasheet(HTML) 3 Page - Texas Instruments

  MSP430F2111IPW Datasheet HTML 1Page - Texas Instruments MSP430F2111IPW Datasheet HTML 2Page - Texas Instruments MSP430F2111IPW Datasheet HTML 3Page - Texas Instruments MSP430F2111IPW Datasheet HTML 4Page - Texas Instruments MSP430F2111IPW Datasheet HTML 5Page - Texas Instruments MSP430F2111IPW Datasheet HTML 6Page - Texas Instruments MSP430F2111IPW Datasheet HTML 7Page - Texas Instruments MSP430F2111IPW Datasheet HTML 8Page - Texas Instruments MSP430F2111IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
MSP430x21x1
MIXED SIGNAL MICROCONTROLLER
SLAS439D -- SEPTEMBER 2004 -- REVISED SEPTEMBER 2010
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
DW, PW, or DGV
RGE
I/O
DESCRIPTION
NAME
NO.
NO.
I/O
DESCRIPTION
P1.0/TACLK
13
13
I/O
General-purpose digital I/O pin
Timer_A, clock signal TACLK input
P1.1/TA0
14
14
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI0A input, compare: Out0 output/BSL transmit
P1.2/TA1
15
15
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI1A input, compare: Out1 output
P1.3/TA2
16
16
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI2A input, compare: Out2 output
P1.4/SMCLK/TCK
17
17
I/O
General-purpose digital I/O pin / SMCLK signal output
Test Clock input for device programming and test
P1.5/TA0/TMS
18
18
I/O
General-purpose digital I/O pin / Timer_A, compare: Out0 output
Test Mode Select input for device programming and test
P1.6/TA1/TDI/TCLK
19
20
I/O
General-purpose digital I/O pin / Timer_A, compare: Out1 output
Test Data Input or Test Clock Input for programming and test
P1.7/TA2/TDO/TDI
20
21
I/O
General-purpose digital I/O pin / Timer_A, compare: Out2 output
Test Data Output or Test Data Input for programming and test
P2.0/ACLK/CA2
8
6
I/O
General-purpose digital I/O pin / ACLK output
Comparator_A+, CA2 input
P2.1/INCLK/CA3
9
7
I/O
General-purpose digital I/O pin / Timer_A, clock signal at INCLK
Comparator_A+, CA3 input
P2.2/CAOUT/
TA0/CA4
10
8
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI0B input/BSL receive
Comparator_A+, output / CA4 input
P2.3/CA0/TA1
11
10
I/O
General-purpose digital I/O pin / Timer_A, compare: Out1 output
Comparator_A+, CA0 input
P2.4/CA1/TA2
12
11
I/O
General-purpose digital I/O pin / Timer_A, compare: Out2 output
Comparator_A+, CA1 input
P2.5/CA5
3
24
I/O
General-purpose digital I/O pin
Comparator_A+, CA5 input
XIN/P2.6/CA6
6
4
I/O
Input terminal of crystal oscillator
General-purpose digital I/O pin
Comparator_A+, CA6 input
XOUT/P2.7/CA7
5
3
I/O
Output terminal of crystal oscillator
general-purpose digital I/O pin
Comparator_A+, CA7 input
RST/NMI
7
5
I
Reset or nonmaskable interrupt input
TEST
1
22
I
Selects test mode for JTAG pins on Port1. The device protection fuse
is connected to TEST.
VCC
2
23
Supply voltage
VSS
4
2
Ground reference
QFN Pad
NA
Package Pad
NA
QFN package pad connection to VSS recommended.
TDO or TDI is selected via JTAG instruction.
NOTE: If XOUT/P2.7/CA7 is used as an input, excess current will flow until P2SEL.7 is cleared. This is due to the oscillator output driver
connection to this pad after reset.


Similar Part No. - MSP430F2111IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2111IPW TI-MSP430F2111IPW Datasheet
1Mb / 53P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2111IPW TI-MSP430F2111IPW Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2111IPW TI-MSP430F2111IPW Datasheet
1Mb / 52P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2111IPW TI1-MSP430F2111IPW Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2111IPWR TI-MSP430F2111IPWR Datasheet
1Mb / 53P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2111IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com