Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1144 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1144
Description  PROGRAMMABLE, HIGH PERFORMANCE MULTI-PHASE, PWM CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1144 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1144 Datasheet HTML 3Page - Semtech Corporation SC1144 Datasheet HTML 4Page - Semtech Corporation SC1144 Datasheet HTML 5Page - Semtech Corporation SC1144 Datasheet HTML 6Page - Semtech Corporation SC1144 Datasheet HTML 7Page - Semtech Corporation SC1144 Datasheet HTML 8Page - Semtech Corporation SC1144 Datasheet HTML 9Page - Semtech Corporation SC1144 Datasheet HTML 10Page - Semtech Corporation SC1144 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
PROGRAMMABLE, HIGH PERFORMANCE
MULTI-PHASE, PWM CONTROLLER
SC1144
© 1999 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
Preliminary - August 24, 1999
11
The SC1144 is patent pending
OUTLINE DRAWING - SO-24
JEDEC MS-013AD
B17104B
An evaluation board is available which may be ordered directly from the factory. SC1144EVB is a DC/DC con-
verter utilizing the SC1144 four-phase controller in an asynchronous appliaction. The SC1144-SYNCH-EVB uti-
lizes SC1405 high speed MOSFET drivers to drive the TOP and Synchronous MOSFETs with enhanced features.
The evaluation boards are intended as guidelines for board design, layout and to assess key performance parame-
ters, such as transient response, thermal stress management and input and output ripple considerations. The
SC1144EVB includes a SLOT1 connector for Pentium II, a DIP switch for mode/voltage selection as well as quali-
fied selection of components for the SC1144 operation. The SC1144EVB user manual contains useful applications
information. Both Evaluation boards may be ordered from our website at www.semtech.com.


Similar Part No. - SC1144

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1146 SEMTECH-SC1146 Datasheet
148Kb / 10P
   VRM9.0 PROGRAMMABLE, MULTI-PHASE, HIGH PERFORMANCE PWM CONTROLLER
SC1146CSW SEMTECH-SC1146CSW Datasheet
148Kb / 10P
   VRM9.0 PROGRAMMABLE, MULTI-PHASE, HIGH PERFORMANCE PWM CONTROLLER
SC1146CSW.TR SEMTECH-SC1146CSW.TR Datasheet
148Kb / 10P
   VRM9.0 PROGRAMMABLE, MULTI-PHASE, HIGH PERFORMANCE PWM CONTROLLER
logo
List of Unclassifed Man...
SC11485 ETC1-SC11485 Datasheet
1Mb / 16P
   HiCOLOR-16 Color Palette
SC11485CV ETC1-SC11485CV Datasheet
1Mb / 16P
   HiCOLOR-16 Color Palette
More results

Similar Description - SC1144

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1146 SEMTECH-SC1146 Datasheet
148Kb / 10P
   VRM9.0 PROGRAMMABLE, MULTI-PHASE, HIGH PERFORMANCE PWM CONTROLLER
logo
National Semiconductor ...
LM2639 NSC-LM2639 Datasheet
151Kb / 8P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720 NSC-LM2720_09 Datasheet
348Kb / 10P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720 NSC-LM2720 Datasheet
149Kb / 8P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
logo
Diodes Incorporated
AP3118 DIODES-AP3118 Datasheet
1Mb / 17P
   HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
logo
Micrel Semiconductor
MIC2111 MICREL-MIC2111 Datasheet
95Kb / 2P
   Single-Phase, Multi-Mode, High-Performance, Step-Down PWM Controller
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
   Multi-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com