Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC-17T2 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # PC-17T2
Description  Photocoupler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

PC-17T2 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  PC-17T2 Datasheet HTML 1Page - KODENSHI_AUK CORP. PC-17T2 Datasheet HTML 2Page - KODENSHI_AUK CORP. PC-17T2 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Photocoupler
The PC-17T1 has one channel in a 4-pin DIP package
The PC-17T2 has two channels in a 8-pin DIP package
FEATURES
• Small Package Size
• Collector-Emitter Voltage : Min.35V
• Current Transfer Ratio : Min.50% (at IF=5mA, VCE=5V)
• Electrical Isolation Voltage : AC2500Vrms
• UL Recognized File No. E107486
APPLICATIONS
• Interface between two circuits of different potential
• Vending Machine, Cordless Phone, Key Phone, Fax, Motor Control
• Programmable Logic Control
• Power Supply
• Computer Terminals
PC-17T1 • PC-17T2 • PC-17T4
These Photocouplers consist of a Gallium Arsenide Infrared Emitting
Diode and a Silicon NPN Phototransistor per channel
DIMENSION
(Unit : mm)
1/3
0.25
0
~15
Orientation Mark
0.5
1.2
2.54
0.25
6.5
7.62
0.25
4.6
0.25
PC-17T1
PC-17T2
0 ~15
0.25
2.54
0.25
1.2
0.5
6.5
7.62 0.25
9.7
0.25
Orientation Mark
7.62
0.25
19.8
0.25
0.5
1.2
2.54
0.25
0
~15
0.25
6.5
Orientation Mark
PC-17T4
3
4
2
1
1
4
3
2
75
6
8
8
7
56
2
34
10
12
16
14
9
11
13
15
1
The PC-17T4 has four channels in a 16-pin DIP package


Similar Part No. - PC-17T2

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PC-17T2 KODENSHI-PC-17T2 Datasheet
568Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results

Similar Description - PC-17T2

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB356NT KINGBRIGHT-KB356NT Datasheet
209Kb / 9P
   PHOTOCOUPLER
KB846 KINGBRIGHT-KB846 Datasheet
239Kb / 9P
   PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
   PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
   PHOTOCOUPLER
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
   PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
   PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
   Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA313 LETEX-LA313 Datasheet
211Kb / 4P
   Photocoupler
LA211 LETEX-LA211 Datasheet
195Kb / 4P
   Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
   PHOTOCOUPLER
logo
List of Unclassifed Man...
LA212 ETC-LA212 Datasheet
199Kb / 3P
   Photocoupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com