Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S52D00D Datasheet(PDF) 7 Page - KODENSHI_AUK CORP.

Part # S52D00D
Description  Low Dropout Voltage Regulator (1.0A Series)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S52D00D Datasheet(HTML) 7 Page - KODENSHI_AUK CORP.

Back Button S52D00D Datasheet HTML 2Page - KODENSHI_AUK CORP. S52D00D Datasheet HTML 3Page - KODENSHI_AUK CORP. S52D00D Datasheet HTML 4Page - KODENSHI_AUK CORP. S52D00D Datasheet HTML 5Page - KODENSHI_AUK CORP. S52D00D Datasheet HTML 6Page - KODENSHI_AUK CORP. S52D00D Datasheet HTML 7Page - KODENSHI_AUK CORP. S52D00D Datasheet HTML 8Page - KODENSHI_AUK CORP. S52D00D Datasheet HTML 9Page - KODENSHI_AUK CORP. S52D00D Datasheet HTML 10Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
KSD-I0T009-002
7
Jan. 2011 REV. 02
S52Dxxx
Fig.8 Line Transient Response
Fig.9 Line Transient Response
Fig.10 Load Transient Response
Fig.11 Load Transient Response
0.1
-0.1
0
1.0
0
0
120
80
160
40
200
Time [µS]
20
-20
0
3.5
4.5
0
1.2
0.8
1.6
0.4
2.0
Time [mS]
Cin=1.0uF, Cout=47uF
Iout=10mA, TA=25℃
Cin=1.0uF, Cout=47uF, Vin=Vout+1V
Preload=200mA, TA=25℃
20
-20
0
3.5
5.5
Cin=1.0uF, Cout=47uF
Iout=10mA, TA=25℃
0
1.2
0.8
1.6
0.4
2.0
Time [mS]
0.1
-0.1
0
1.0
0
0
120
80
160
40
200
Time [µS]
Cin=1.0uF, Cout=47uF, Vin=Vout+3V
Preload=200mA, TA=25℃


Similar Part No. - S52D00D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S52D00D KODENSHI-S52D00D Datasheet
371Kb / 11P
   Low Dropout Voltage Regulator
More results

Similar Description - S52D00D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S78D18Q KODENSHI-S78D18Q Datasheet
518Kb / 11P
   Low Dropout Voltage Regulator (1.0A Series)
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-XX IKSEMICON-IL1117-XX Datasheet
1,017Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
IL2940CT-XX IKSEMICON-IL2940CT-XX Datasheet
270Kb / 9P
   1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
   1.0A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com