Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F1491IPMR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F1491IPMR
Description  MIXED SIGNAL MICROCONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F1491IPMR Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSP430F1491IPMR Datasheet HTML 4Page - Texas Instruments MSP430F1491IPMR Datasheet HTML 5Page - Texas Instruments MSP430F1491IPMR Datasheet HTML 6Page - Texas Instruments MSP430F1491IPMR Datasheet HTML 7Page - Texas Instruments MSP430F1491IPMR Datasheet HTML 8Page - Texas Instruments MSP430F1491IPMR Datasheet HTML 9Page - Texas Instruments MSP430F1491IPMR Datasheet HTML 10Page - Texas Instruments MSP430F1491IPMR Datasheet HTML 11Page - Texas Instruments MSP430F1491IPMR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
MSP430x13x, MSP430x14x, MSP430x14x1
MIXED SIGNAL MICROCONTROLLER
SLAS272F − JULY 2000 − REVISED JUNE 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
MSP430x13x, MSP430x14x (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
P5.6/ACLK
50
I/O
General-purpose digital I/O pin/auxiliary clock ACLK output
P5.7/TBOUTH
51
I/O
General-purpose digital I/O pin/switch all PWM digital output ports to high impedance − Timer_B7: TB0 to
TB6
P6.0/A0
59
I/O
General-purpose digital I/O pin/analog input a0 – 12-bit ADC
P6.1/A1
60
I/O
General-purpose digital I/O pin/analog input a1 – 12-bit ADC
P6.2/A2
61
I/O
General-purpose digital I/O pin/analog input a2 – 12-bit ADC
P6.3/A3
2
I/O
General-purpose digital I/O pin/analog input a3 – 12-bit ADC
P6.4/A4
3
I/O
General-purpose digital I/O pin/analog input a4 – 12-bit ADC
P6.5/A5
4
I/O
General-purpose digital I/O pin/analog input a5 – 12-bit ADC
P6.6/A6
5
I/O
General-purpose digital I/O pin/analog input a6 – 12-bit ADC
P6.7/A7
6
I/O
General-purpose digital I/O pin/analog input a7 – 12-bit ADC
RST/NMI
58
I
Reset input, nonmaskable interrupt input port, or bootstrap loader start (in Flash devices).
TCK
57
I
Test clock. TCK is the clock input port for device programming test and bootstrap loader start (in Flash
devices).
TDI/TCLK
55
I
Test data input or test clock input. The device protection fuse is connected to TDI/TCLK.
TDO/TDI
54
I/O
Test data output port. TDO/TDI data output or programming data input terminal
TMS
56
I
Test mode select. TMS is used as an input port for device programming and test.
VeREF+
10
I
Input for an external reference voltage to the ADC
VREF+
7
O
Output of positive terminal of the reference voltage in the ADC
VREF−/VeREF−
11
I
Negative terminal for the ADC’s reference voltage for both sources, the internal reference voltage, or an
external applied reference voltage
XIN
8
I
Input port for crystal oscillator XT1. Standard or watch crystals can be connected.
XOUT
9
O
Output terminal of crystal oscillator XT1
XT2IN
53
I
Input port for crystal oscillator XT2. Only standard crystals can be connected.
XT2OUT
52
O
Output terminal of crystal oscillator XT2
QFN Pad
NA
NA
QFN package pad connection to DVSS recommended.


Similar Part No. - MSP430F1491IPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F1491IPMR TI1-MSP430F1491IPMR Datasheet
1Mb / 69P
[Old version datasheet]   MIXED SIGNAL MICROCONTROROLLER
MSP430F1491IPMR TI-MSP430F1491IPMR Datasheet
1Mb / 83P
[Old version datasheet]   MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
REVISED MAY 2018
MSP430F1491IPMRG4 TI1-MSP430F1491IPMRG4 Datasheet
1Mb / 69P
[Old version datasheet]   MIXED SIGNAL MICROCONTROROLLER
More results

Similar Description - MSP430F1491IPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com