Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430G2553CYS Datasheet(PDF) 9 Page - Texas Instruments

Part # MSP430G2553CYS
Description  MIXED SIGNAL MICROCONTROLLER
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430G2553CYS Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430G2553CYS Datasheet HTML 5Page - Texas Instruments MSP430G2553CYS Datasheet HTML 6Page - Texas Instruments MSP430G2553CYS Datasheet HTML 7Page - Texas Instruments MSP430G2553CYS Datasheet HTML 8Page - Texas Instruments MSP430G2553CYS Datasheet HTML 9Page - Texas Instruments MSP430G2553CYS Datasheet HTML 10Page - Texas Instruments MSP430G2553CYS Datasheet HTML 11Page - Texas Instruments MSP430G2553CYS Datasheet HTML 12Page - Texas Instruments MSP430G2553CYS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
MSP430G2x53
MSP430G2x13
www.ti.com
SLAS735A
– APRIL 2011 – REVISED MAY 2011
Operating Modes
The MSP430 has one active mode and five software selectable low-power modes of operation. An interrupt
event can wake up the device from any of the low-power modes, service the request, and restore back to the
low-power mode on return from the interrupt program.
The following six operating modes can be configured by software:
Active mode (AM)
– All clocks are active
Low-power mode 0 (LPM0)
– CPU is disabled
– ACLK and SMCLK remain active, MCLK is disabled
Low-power mode 1 (LPM1)
– CPU is disabled
– ACLK and SMCLK remain active, MCLK is disabled
– DCO's dc generator is disabled if DCO not used in active mode
Low-power mode 2 (LPM2)
– CPU is disabled
– MCLK and SMCLK are disabled
– DCO's dc generator remains enabled
– ACLK remains active
Low-power mode 3 (LPM3)
– CPU is disabled
– MCLK and SMCLK are disabled
– DCO's dc generator is disabled
– ACLK remains active
Low-power mode 4 (LPM4)
– CPU is disabled
– ACLK is disabled
– MCLK and SMCLK are disabled
– DCO's dc generator is disabled
– Crystal oscillator is stopped
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - MSP430G2553CYS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2553 TI1-MSP430G2553 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430G2553 TI-MSP430G2553 Datasheet
3Mb / 33P
[Old version datasheet]   MSP430G2553 LaunchPad??Development Kit
June 2018?밨evised March 2
MSP430G2553-Q1 TI1-MSP430G2553-Q1 Datasheet
1Mb / 71P
[Old version datasheet]   MSP430G2x53 Automotive Mixed-Signal Microcontrollers
MSP430G2553-Q1 TI1-MSP430G2553-Q1 Datasheet
1Mb / 71P
[Old version datasheet]   Automotive Mixed-Signal Microcontrollers
MSP430G2553-Q1 TI1-MSP430G2553-Q1_15 Datasheet
1Mb / 71P
[Old version datasheet]   Automotive Mixed-Signal Microcontrollers
More results

Similar Description - MSP430G2553CYS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com