Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS-15 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RS-15
Description  15W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RS-15 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RS-15_10 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RS-15_10 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
RS-15-3.3
RS-15-12
RS-15-5
RS-15-15
RS-15-24
RS-15-48
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
Note.4
LOADREGULATION
Note.5
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
3.3V
12V
5V
15V
24V
48V
3A
1.3A
3A
1A
0.625A
0.313A
0~3A
0~1.3A
0~3A
0~1A
0~0.625A
0~0.313A
9.9W
15.6W
15W
15W
15W
15W
80mVp-p
120mVp-p
80mVp-p
120mVp-p
200mVp-p
200mVp-p
2.9~3.6V
10.8~13.2V
4.75~5.5V
13.5~16.5V
22~27.6V
43.2~52.8V
3.0%
1.0%
2.0%
0.5%
0.5%
0.5%
1.5%
1.0%
0.5%
0.5%
1.0%
0.5%
0.5%
1.0%
0.5%
0.5%
2.0%
0.5%
1000ms,30ms/230VAC1000ms,30ms/115VAC atfullload
70ms/230VAC15ms/115VAC atfullload
85~264VAC120~370VDC
47~63Hz
3.8~4.45V
13.8~16.2V
5.75~6.75V
17.25~20.25V
28.4~32.4V
55.2~64.8V
72%
81%
77%
81%
82%
82%
COLDSTART 65A /230VAC
<2mA /240VAC
Above105% ratedoutputpower
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN55024,EN61000-6-1,lightindustrylevel,criteria A
-20~+70
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
1608.8Khrsmin.MIL-HDBK-217F(25
)
FileName:RS-15-SPEC2010-10-18
62.5*51*28mm(L*W*H)
0.13Kg;108pcs/15Kg/0.71CUFT
15WSingleOutputSwitchingPowerSupply
R S - 1 5 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
ENVIRONMENT
SAFETY &
EMC
(Note6)
PROTECTION
EMICONDUCTION&RADIATION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Line regulation is measured from low line to high line at rated load.
5. Load regulation is measured from 0% to 100% rated load.
6. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
Universal AC input / Full range
Protections: Short circuit / Overload / Over voltage / Over temperature
Cooling by free air convection
LED indicator for power on
100% full load burn-in test
All using 105
long life electrolytic capacitors
Withstand 300VAC surge input for 5 second
High operating temperature up to 70
Withstand 5G vibration test
High efficiency, long life and high reliability
3 years warranty
No load power consumption<0.5W
Features :
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Shutoffo/pvoltage,clampingbyzenerdiode
0.35A/115VAC0.25A/230VAC
UL60950-1, TUVEN60950-1approved
OVERTEMPERATURE
U1 Tj140
typically(U1)detectonmaincontrolIC
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
..


Similar Part No. - RS-15_10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RS-15-12 MEANWELL-RS-15-12 Datasheet
249Kb / 2P
   15W Single Output Switching Power Supply
RS-15-12 MEANWELL-RS-15-12 Datasheet
258Kb / 2P
   15W Single Output Switching Power Supply
logo
Total Power Internation...
RS-15-12 TOTAL-POWER-RS-15-12 Datasheet
323Kb / 2P
   15W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-15-15 MEANWELL-RS-15-15 Datasheet
249Kb / 2P
   15W Single Output Switching Power Supply
RS-15-15 MEANWELL-RS-15-15 Datasheet
258Kb / 2P
   15W Single Output Switching Power Supply
More results

Similar Description - RS-15_10

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
NES-15 TOTAL-POWER-NES-15 Datasheet
276Kb / 2P
   15W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-15 MEANWELL-RS-15 Datasheet
249Kb / 2P
   15W Single Output Switching Power Supply
NES-15 MEANWELL-NES-15_11 Datasheet
268Kb / 2P
   15W Single Output Switching Power Supply
S-15 MEANWELL-S-15 Datasheet
437Kb / 2P
   15W Single Output Switching Power Supply
NES-15 MEANWELL-NES-15 Datasheet
860Kb / 2P
   15W Single Output Switching Power Supply
PS-15 MEANWELL-PS-15_09 Datasheet
285Kb / 2P
   15W Single Output Switching Power Supply
EPS-15 MEANWELL-EPS-15 Datasheet
925Kb / 2P
   15W SINGLE OUTPUT SWITCHING POWER SUPPLY
RS-15 MEANWELL-RS-15_11 Datasheet
258Kb / 2P
   15W Single Output Switching Power Supply
PS-15 MEANWELL-PS-15 Datasheet
282Kb / 2P
   15W Single Output Switching Power Supply
NES-15 MEANWELL-NES-15_10 Datasheet
269Kb / 2P
   15W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com