Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3058 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # S3058
Description  5CH BTL Motor Drive IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S3058 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  S3058 Datasheet HTML 1Page - KODENSHI_AUK CORP. S3058 Datasheet HTML 2Page - KODENSHI_AUK CORP. S3058 Datasheet HTML 3Page - KODENSHI_AUK CORP. S3058 Datasheet HTML 4Page - KODENSHI_AUK CORP. S3058 Datasheet HTML 5Page - KODENSHI_AUK CORP. S3058 Datasheet HTML 6Page - KODENSHI_AUK CORP. S3058 Datasheet HTML 7Page - KODENSHI_AUK CORP. S3058 Datasheet HTML 8Page - KODENSHI_AUK CORP. S3058 Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
KSD-I7A008-002
1
SEPT., 2010 REV. 02
5CH BTL Motor Drive IC
S3058
▲ Marking Information
Device Code
Year & Week Code
Product
Name
Marking
Package
Name
S3058
S3058
SSOPH-28N
Description
The S3058 is 5 Channel BTL DC motor driver IC for controlling the motors
and actuators of CD-P/VCD-P/DVD-Player.
It is organized 2 channel actuator with 2 input OPAMP, 2 channel BTL
Driver, 1 channel bi-directional dc motor driver.
Furthermore, it offers gain control pin for bi-directional dc motor driver.
It supports various applications with pb free package.
Application
CAR-Audio
CD-Player
DVD-Player
Features and Benefits
1 Channel is bi-directional DC motor driver for tray.
2 Channels are voltage-type BTL drivers for sled and spindle motors.
2 Channels are voltage-type BTL drivers for actuators with 2 OPAMP
Built in Thermal shut down circuit.
Built in Mute mode, OVP, UVLO circuit.
Built in 2 OP-Amps for Gain Control and noise filtering
◈ Dual Actuator drivers
A general purpose input OP Provides differential input for signal addition.
The output structure is two power OPAMPS in bridge configuration.
◈ Sled motor driver
Single input linear BTL driver.
The output structure are two power OPAMP in bridge configuration.
◈ Spindle driver
Single input linear BTL driver.
The output structure are two power OPAMPS in bridge configuration.
◈ Tray Bi-directional driver
The DC motor driver supports forward/reverse control for tray motor.
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
http:// www.auk.co.kr
ORDERING INFORMATION
S
SS
SO
OP
PH
H--2
28
8N
N
With Heat-sink
S3058(①)
AUK
YYWW(②)


Similar Part No. - S3058

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S305 NKK-S305 Datasheet
447Kb / 10P
   Medium/High Capacity Standard Size Toggles
logo
EnOcean GmbH.
S3051-A215 ENOCEAN-S3051-A215 Datasheet
170Kb / 1P
   DC Step code and later
Nov 2020
S3051-A535 ENOCEAN-S3051-A535 Datasheet
123Kb / 1P
   PTM 535U TRANSMITTER MODULE
Sep 2020
S3051-C320 ENOCEAN-S3051-C320 Datasheet
125Kb / 1P
   EnOcean Magnet Contact Sensor
April 2022
S3051-C350 ENOCEAN-S3051-C350 Datasheet
123Kb / 1P
   EnOcean Temperature & Humidity Sensor
April 2022
More results

Similar Description - S3058

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S3053 KODENSHI-S3053 Datasheet
530Kb / 13P
   5CH BTL Motor Drive IC
S3055 KODENSHI-S3055 Datasheet
521Kb / 13P
   5CH BTL Motor Drive IC
S3056 KODENSHI-S3056 Datasheet
515Kb / 13P
   5CH BTL Motor Drive IC
S3052 KODENSHI-S3052 Datasheet
580Kb / 14P
   5CH BTL Motor Drive IC
S3057 KODENSHI-S3057 Datasheet
504Kb / 12P
   5CH BTL Motor Drive IC
logo
AUK corp
S3001 AUK-S3001 Datasheet
765Kb / 19P
   5CH Motor Drive IC
S30011 AUK-S30011 Datasheet
757Kb / 19P
   5CH Motor Drive IC
logo
KODENSHI_AUK CORP.
S3045 KODENSHI-S3045 Datasheet
537Kb / 14P
   4CH BTL Motor Drive IC
logo
Princeton Technology Co...
PT5113 PTC-PT5113 Datasheet
197Kb / 4P
   5CH Motor Driver
logo
Rohm
BD6879KN ROHM-BD6879KN Datasheet
315Kb / 6P
   5ch Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com