Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3771P Datasheet(PDF) 8 Page - KODENSHI_AUK CORP.

Part # S3771P
Description  7CH Darlington TR Sink Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S3771P Datasheet(HTML) 8 Page - KODENSHI_AUK CORP.

Back Button S3771P Datasheet HTML 4Page - KODENSHI_AUK CORP. S3771P Datasheet HTML 5Page - KODENSHI_AUK CORP. S3771P Datasheet HTML 6Page - KODENSHI_AUK CORP. S3771P Datasheet HTML 7Page - KODENSHI_AUK CORP. S3771P Datasheet HTML 8Page - KODENSHI_AUK CORP. S3771P Datasheet HTML 9Page - KODENSHI_AUK CORP. S3771P Datasheet HTML 10Page - KODENSHI_AUK CORP. S3771P Datasheet HTML 11Page - KODENSHI_AUK CORP. S3771P Datasheet HTML 12Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
KSD-I7D002-000
8
Fab. 2011 REV. 00
IOUT – Duty Cycle
IOUT – Duty Cycle
IOUT – Duty Cycle
IOUT – Duty Cycle
IIN – VIN
IIN – VIN
S377x
500
400
300
200
100
0
500
400
300
200
100
0
0
20
40
60
80
100
0
20
40
60
80
100
Duty Cycle [%]
Duty Cycle [%]
n=1
2
3
4
5
6
7
n=1
2
3
4
5
6
7
0
20
40
60
80
100
0
20
40
60
80
100
Duty Cycle [%]
Duty Cycle [%]
n=1
2
3
4
5
6
7
n=1
2
3
4
5
6
7
S377xP
[DIP-16]
Ta=85
℃ Free Air
n-ch [ Active ]
S377xP
[DIP-16]
Ta=25
n-ch [ Active ]
500
400
300
200
100
0
500
400
300
200
100
0
S377x [SOP-16]
Ta=25
℃ [On PCB]
n-ch [ Active ]
S377x [SOP-16]
Ta=85
℃ [On PCB]
n-ch [ Active ]
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
6.0
5.0
4.0
3.0
2.0
1.0
0
Input Voltage VIN [V]
3.0
2.5
2.0
1.5
1.0
0.5
0
12
14
16
18
20
22
24
26
Input Voltage VIN [V]
S3771
Ta=25
IOUT=100mA
200mA
300mA
S3772
Max.
Typ.
Min.


Similar Part No. - S3771P

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S37701 KODENSHI-S37701 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
S37701P KODENSHI-S37701P Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
S37702 KODENSHI-S37702 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
S37702p KODENSHI-S37702p Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
S37703 KODENSHI-S37703 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
More results

Similar Description - S3771P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_11 Datasheet
328Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62007P TOSHIBA-TD62007P Datasheet
237Kb / 6P
   7CH DARLINGTON SINK DRIVER
TD62008AP TOSHIBA-TD62008AP Datasheet
251Kb / 6P
   7CH DARLINGTON SINK DRIVER
ULN2003AP TOSHIBA-ULN2003AP Datasheet
374Kb / 11P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_15 Datasheet
391Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62008AFWG TOSHIBA-TD62008AFWG Datasheet
171Kb / 8P
   7ch Darlington Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com