Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS-75-5 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RS-75-5
Description  75W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RS-75-5 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RS-75-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RS-75-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
CaseNo.903Unit:mm
FileName:RS-75-SPEC2010-10-18
AMBIENTTEMPERATURE(
)
-25
-25
0
0
20
10
30
40
20
40
80
60
100
60
50
70
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
88
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
Others
3.3V,5V
(HORIZONTAL)
DeratingCurve
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
BlockDiagram
fosc:60KHz
TerminalPinNo. Assignment
PinNo.
PinNo.
1
2
4
3
5
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
FG
AC/L
AC/N
5
4
3
2
1
4.5
73.5
122.5
129
120
6.5
3.5
77
32
3-M
3
75WSingleOutputSwitchingPowerSupply
R S - 7 5 series


Similar Part No. - RS-75-5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-75-5 ASTRODYNE-RS-75-5 Datasheet
307Kb / 2P
   75W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-75-5 MEANWELL-RS-75-5 Datasheet
229Kb / 2P
   75W Single Output Switching Power Supply
RS-75-5 MEANWELL-RS-75-5 Datasheet
236Kb / 2P
   RS-75_11
logo
Total Power Internation...
RS-75-5 TOTAL-POWER-RS-75-5 Datasheet
304Kb / 2P
   75W Single Output Switching Power Supply
More results

Similar Description - RS-75-5

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
NES-75 TOTAL-POWER-NES-75 Datasheet
406Kb / 2P
   75W Single Output Switching Power Supply
logo
Astrodyne Corporation
LPS75 ASTRODYNE-LPS75 Datasheet
322Kb / 4P
   75W Single Output Switching Power Supply
RS-75 ASTRODYNE-RS-75 Datasheet
307Kb / 2P
   75W Single Output Switching Power Supply
logo
RSG Electronic Componen...
LPS-75 RSG-LPS-75 Datasheet
188Kb / 2P
   75W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
NES-75 MEANWELL-NES-75 Datasheet
404Kb / 2P
   75W Single Output Switching Power Supply
LPS-75 MEANWELL-LPS-75_10 Datasheet
304Kb / 2P
   75W Single Output Switching Power Supply
logo
Astrodyne Corporation
LPS-75 ASTRODYNE-LPS-75 Datasheet
377Kb / 2P
   75W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
LPS-75 MEANWELL-LPS-75 Datasheet
301Kb / 2P
   75W Single Output Switching Power Supply
SCP-75 MEANWELL-SCP-75_11 Datasheet
313Kb / 3P
   75W Single Output Switching Power Supply
LPS-75_1108 MEANWELL-LPS-75_1108 Datasheet
303Kb / 2P
   75W Single Output Switching Power Supply
LRS-75 MEANWELL-LRS-75 Datasheet
108Kb / 4P
   75W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com