Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8082 Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

Part # S8082
Description  1CH Bi-Directional Motor Drive IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S8082 Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  S8082 Datasheet HTML 1Page - KODENSHI_AUK CORP. S8082 Datasheet HTML 2Page - KODENSHI_AUK CORP. S8082 Datasheet HTML 3Page - KODENSHI_AUK CORP. S8082 Datasheet HTML 4Page - KODENSHI_AUK CORP. S8082 Datasheet HTML 5Page - KODENSHI_AUK CORP. S8082 Datasheet HTML 6Page - KODENSHI_AUK CORP. S8082 Datasheet HTML 7Page - KODENSHI_AUK CORP. S8082 Datasheet HTML 8Page - KODENSHI_AUK CORP. S8082 Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
KSD-I7F014-003
5
SEPT., 2010 REV. 03
1ch Bi-directional Motor Driver
Application Information
1. Thermal Shut Down Circuit
The built-in thermal shutdown circuit mutes the output current when the chip temperature
reaches 175℃ (typ.). The hysteresis is set to 25℃ (typ.) by IHys,
so the circuit will start up again when the chip temperature falling down to 150℃ (typ.)
When Ta = 25℃, Q2 & Q3 are turned-off [ Output Stage : Normality Operation ]
V1 = I×(R1+R2)
V2 = R2÷(R1+R2)×V1 = 0.385V
When Ta = 175℃, Q2 & Q3 are turned-on [ Output Stage : Shut Down ]
0.700V – 0.385V = 315mV
[ Vbe level of Q2 & Q3 : 0.700V / Temperature Coefficient of Q2 = Q3 = -1.8mV/℃ ]
◈ T.S.D : 315mV÷1.8mV = 175℃
I
Q1
Q3
Q2
R1
R2
V1
V2
Output Stage
[ Vo1, Vo2 ]
S8082


Similar Part No. - S8082

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
S808200MG ROITHNER-S808200MG Datasheet
358Kb / 5P
   Infrared Laser Diode
S808200MNP ROITHNER-S808200MNP Datasheet
330Kb / 5P
   Infrared Laser Diode
More results

Similar Description - S8082

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7713P TOSHIBA-TA7713P Datasheet
547Kb / 15P
   3 PHASE BI-DIRECTIONAL TYPE MOTOR CONTROL IC
TA8413P TOSHIBA-TA8413P Datasheet
260Kb / 7P
   3 PHASE BI-DIRECTIONAL HALL MOTOR CONTROL IC
TA7712P TOSHIBA-TA7712P Datasheet
772Kb / 14P
   3 PHASE BI-DIRECTIONAL FOR MOTOR CONTROL IC
logo
ON Semiconductor
LV8829LFQAGEVK ONSEMI-LV8829LFQAGEVK Datasheet
232Kb / 13P
   Bi-CMOS IC For Brushless Motor Drive PWM Driver IC
May, 2013
logo
List of Unclassifed Man...
AT5608 ETC-AT5608 Datasheet
206Kb / 7P
   Bi-directional Motor Driver
logo
Aimtron Technology
AT5609 AIMTRON-AT5609 Datasheet
174Kb / 5P
   Bi-directional Motor Driver
logo
Mitsubishi Electric Sem...
M54542L MITSUBISHI-M54542L Datasheet
149Kb / 3P
   BI-DIRECTIONAL MOTOR DRIVER
logo
Sanyo Semicon Device
LV8136V SANYO-LV8136V Datasheet
236Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LV8138V SANYO-LV8138V Datasheet
269Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Sine wave PWM Drive, Pre driver IC
logo
Fairchild Semiconductor
KA3084D FAIRCHILD-KA3084D Datasheet
261Kb / 14P
   Bi-Directional DC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com