Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5250M Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # S5250M
Description  Low Drop Output Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S5250M Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  S5250M Datasheet HTML 1Page - KODENSHI_AUK CORP. S5250M Datasheet HTML 2Page - KODENSHI_AUK CORP. S5250M Datasheet HTML 3Page - KODENSHI_AUK CORP. S5250M Datasheet HTML 4Page - KODENSHI_AUK CORP. S5250M Datasheet HTML 5Page - KODENSHI_AUK CORP. S5250M Datasheet HTML 6Page - KODENSHI_AUK CORP. S5250M Datasheet HTML 7Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
KSD-I5O005-003
4
S52xxM
■Typical Application
Fig. 1 Fixed Voltage Regulator
BYP
CT
C
3
V
I
O
5
C
4
2
1
V
=1uF
Low- Noise Operation: CBYP=470pF, CO≥47uF
Basic Operation: CBYP=not used, CO≥1uF
=47uF
O
V


Similar Part No. - S5250M

ManufacturerPart #DatasheetDescription
logo
AUK corp
S5250M AUK-S5250M Datasheet
427Kb / 7P
   Low Drop Output Voltage Regulator
logo
KODENSHI_AUK CORP.
S5250M KODENSHI-S5250M Datasheet
197Kb / 7P
   Low Drop Output Voltage Regulator
More results

Similar Description - S5250M

ManufacturerPart #DatasheetDescription
logo
AUK corp
S78DL05L AUK-S78DL05L Datasheet
223Kb / 3P
   Low Drop output Voltage Regulator
S5225M AUK-S5225M Datasheet
427Kb / 7P
   Low Drop Output Voltage Regulator
S52XXM AUK-S52XXM Datasheet
365Kb / 6P
   Low Drop Output Voltage Regulator
S78DL05F AUK-S78DL05F_06 Datasheet
219Kb / 3P
   Low Drop output Voltage Regulator
S78DL05L AUK-S78DL05L_07 Datasheet
159Kb / 4P
   Low Drop output Voltage Regulator
S78DL33L AUK-S78DL33L_07 Datasheet
155Kb / 4P
   Low Drop output Voltage Regulator
logo
KODENSHI_AUK CORP.
S78DL33 KODENSHI-S78DL33 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
S78DL05 KODENSHI-S78DL05 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
logo
AUK corp
S78DL33F AUK-S78DL33F_07 Datasheet
153Kb / 4P
   Low Drop output Voltage Regulator
S78DL33 AUK-S78DL33 Datasheet
218Kb / 3P
   Low Drop output Voltage Regulator
S78DL05 AUK-S78DL05_07 Datasheet
153Kb / 4P
   Low Drop output Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com