Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR2040 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SBR2040
Description  VOLTAGE 40V 20.0AMP Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SBR2040 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SBR2040 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SBR2040 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
UNITS
V
TYP
For capacitive load, derate current by 20%.
E NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
(Per Leg)
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage (I = 10
20
180
10
10
Amps,T = 25 C, per leg)
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
0.5
15
V
V
A
A
V
mA
pF
Typical Thermal Resistance ı (Note 2)
-50
+150
-65
+175
Operating
Storage Temperature Range
Temperature Range
C
C
C/W
SBR2040
40
F
F
Maximum Instantaneous Forward Voltage (I =
Amps,T = 125 C, per leg)
F
F
450
0.59
~
~
SYMBOL
o
o
o
(Per Device)
JA
Voltage Rate Of Chance (Rated VR)
VRRM
VRSM
VDC
IF
IFSM
VF
IR
CJ
dv/dt
10000
TJ
TSTG
V/us
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Case.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams(Approximately)
Any changing of specification will not be informed individual
SBR2040
VOLTAGE 40V
.0AMP Schottky Barrier Rectifiers
20
http://www.SeCoSGmbH.com
Elektronische Bauelemente
11-Jun-2010 Rev.B
Page 1 of 2
TO-220
Dimensions in inches and (millimeters)
.412
.248
.180
.050
.120
.158
.595
.550
.100
.051
.040
.108
(10.5)
(6.3)
(4.6)
(1.27)
(3.05)
(4.0)
(15.1)
(14.0)
(2.54)
(1.3)
(1.0)
(2.75)
MAX.
MAX.
MAX.
MIN.
MAX.
MAX.
3.8
+.2
HOLE THRU
φ
+
PIN 1
PIN 3
PIN 2
CASE
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free
40
40
2.5


Similar Part No. - SBR2040

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SBR2040 DAESAN-SBR2040 Datasheet
330Kb / 2P
   CURRENT 20.0Amperes VOLTAGE 20 to 100 Volts
logo
SeCoS Halbleitertechnol...
SBR2040 SECOS-SBR2040 Datasheet
371Kb / 2P
   VOLTAGE 40V 20.0AMP Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBR2040CT DIODES-SBR2040CT Datasheet
179Kb / 3P
   20A SBR Super Barrier Rectifier
SBR2040 Rev. 2
logo
List of Unclassifed Man...
SBR2040CT ETC2-SBR2040CT Datasheet
93Kb / 3P
   Super Barrier Rectifier
logo
Diodes Incorporated
SBR2040CT DIODES-SBR2040CT Datasheet
156Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
More results

Similar Description - SBR2040

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR2040F SECOS-SBR2040F Datasheet
386Kb / 2P
   VOLTAGE 40V 20.0AMP Schottky Barrier Rectifiers
SBR2040 SECOS-SBR2040 Datasheet
371Kb / 2P
   VOLTAGE 40V 20.0AMP Schottky Barrier Rectifiers
SBR20100F SECOS-SBR20100F Datasheet
318Kb / 2P
   VOLTAGE 100V 20.0AMP Schottky Barrier Rectifiers
SBR2060F SECOS-SBR2060F Datasheet
364Kb / 2P
   VOLTAGE 60V 20.0AMP Schottky Barrier Rectifiers
SBR2060 SECOS-SBR2060 Datasheet
389Kb / 2P
   VOLTAGE 60V 20.0AMP Schottky Barrier Rectifiers
SBR20200F SECOS-SBR20200F Datasheet
345Kb / 2P
   VOLTAGE 200V 20.0AMP Schottky Barrier Rectifiers
SBR20150F SECOS-SBR20150F Datasheet
340Kb / 2P
   VOLTAGE 150V 20.0AMP Schottky Barrier Rectifiers
SP2060 SECOS-SP2060_10 Datasheet
653Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SR2020 LUGUANG-SR2020 Datasheet
280Kb / 2P
   20.0AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SP20100R SECOS-SP20100R Datasheet
423Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com