Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSP-1000-48 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # RSP-1000-48
Description  1000W Single Output Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSP-1000-48 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  RSP-1000-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RSP-1000-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RSP-1000-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RSP-1000-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RSP-1000-48 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RSP-1000-48 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6.CurrentSharingwithRemoteSensing
RSP-1000hasthebuilt-inactivecurrentsharingfunctionandcanbeconnectedinparalleltoprovidehigheroutputpower:
(1)Paralleloperationisavailablebyconnectingtheunitsshownasbelow.
(+S,-SandCSareconnectedmutuallyinparallel).
(2)Differenceofoutputvoltagesamongparallelunitsshouldbelessthan2%.
(3)Thetotaloutputcurrentmustnotexceedthevaluedeterminedbythefollowingequation.
(4)Inparalleloperation4unitsisthemaximum,pleaseconsultthemanufacturerforapplicationsofmoreconnectinginparallel.
(5)Thepowersuppliesshouldbeparalleledusingshortandlargediameterwiringandthenconnectedtotheload.
(outputcurrentatparalleloperation)=(Ratedcurrentperunit) (Numberofunit) 0.9
Note:Inparallelconnection,maybeonlyoneunit(master)operateifthetotaloutputloadislessthan5%ofratedloadcondition.
TheotherPSUs(slaves)maygointostandbymodeandtheiroutputLEDswillnotturnon.
+S
+S
+S
+S
-S
-S
-S
-S
AUXG
AUXG
AUXG
AUXG
AUX
AUX
AUX
AUX
DC_OK
DC_OK
DC_OK
DC_OK
ON/OFF
ON/OFF
ON/OFF
ON/OFF
CS
CS
CS
CS
Vco
Vco
Vco
Vco
Vci
Vci
Vci
Vci
Vca
Vca
Vca
Vca
GND
GND
GND
GND
GND
GND
GND
GND
PSU
PSU
PSU
PSU
-V
Senselinesshould
betwistedinpairs
SVR51
SVR51
SVR51
SVR51
+V
LOAD
CN50
CN50
CN50
CN50
TB1
TB1
TB1
TB1
+V
+V
+V
+V
-V
-V
-V
-V
111
212
111
212
111
212
111
212
1
1
1
1
11
11
11
11
CN50
CN50
CN50
CN50
Fig6.1
CS(pin7)
+S(pin1)
-S(pin2)
2
2
2
2
12
12
12
12
1000WSingleOutputPowerSupply
R S P - 1 0 0 0 series
FileName:RSP-1000-SPEC 2011-02-17


Similar Part No. - RSP-1000-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-1000-48 MEANWELL-RSP-1000-48 Datasheet
301Kb / 6P
   1000W Single Output Power Supply
logo
RSG Electronic Componen...
RSP-1000-48 RSG-RSP-1000-48 Datasheet
185Kb / 6P
   1000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-1000-48 MEANWELL-RSP-1000-48 Datasheet
311Kb / 6P
   1000W Single Output Power Supply
logo
Total Power Internation...
RSP-1000-48 TOTAL-POWER-RSP-1000-48 Datasheet
159Kb / 6P
   1000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-1000-48 MEANWELL-RSP-1000-48 Datasheet
819Kb / 8P
   1000W Power Supply with Single Output
2022-08-08
More results

Similar Description - RSP-1000-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SE-1000 MEANWELL-SE-1000 Datasheet
952Kb / 3P
   1000W Single Output Power Supply
SE-1000 MEANWELL-SE-1000_11 Datasheet
239Kb / 3P
   1000W Single Output Power Supply
RSP-1000_1112 MEANWELL-RSP-1000_1112 Datasheet
311Kb / 6P
   1000W Single Output Power Supply
logo
Total Power Internation...
RSP-1000 TOTAL-POWER-RSP-1000 Datasheet
159Kb / 6P
   1000W Single Output Power Supply
logo
Astrodyne Corporation
RSP1000 ASTRODYNE-RSP1000 Datasheet
1Mb / 7P
   1000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-1000 MEANWELL-RSP-1000 Datasheet
301Kb / 6P
   1000W Single Output Power Supply
logo
RSG Electronic Componen...
RSP-1000 RSG-RSP-1000 Datasheet
185Kb / 6P
   1000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-1000 MEANWELL-RSP-1000_V01 Datasheet
819Kb / 8P
   1000W Power Supply with Single Output
2022-08-08
QP-1000 MEANWELL-QP-1000_09 Datasheet
130Kb / 4P
   1000W Quad Output Power Supply
logo
ETA-USA
FHHSX-U1 ETA-USA-FHHSX-U1 Datasheet
1Mb / 5P
   1000W Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com