Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28044PZA Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28044PZA
Description  Digital Signal Processor
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28044PZA Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320F28044PZA Datasheet HTML 7Page - Texas Instruments TMS320F28044PZA Datasheet HTML 8Page - Texas Instruments TMS320F28044PZA Datasheet HTML 9Page - Texas Instruments TMS320F28044PZA Datasheet HTML 10Page - Texas Instruments TMS320F28044PZA Datasheet HTML 11Page - Texas Instruments TMS320F28044PZA Datasheet HTML 12Page - Texas Instruments TMS320F28044PZA Datasheet HTML 13Page - Texas Instruments TMS320F28044PZA Datasheet HTML 14Page - Texas Instruments TMS320F28044PZA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 115 page
background image
TMS320F28044
www.ti.com
SPRS357C – AUGUST 2006 – REVISED JANUARY 2010
2
Introduction
The TMS320F28044 device, member of the TMS320C28x™ DSP generation, is a highly integrated,
high-performance solution for demanding control applications.
Throughout this document, TMS320F28044 is abbreviated as F28044. Table 2-1 provides a summary of
the device's features.
Table 2-1. Hardware Features
FEATURE
TYPE(1)
F28044
Instruction cycle (at 100 MHz)
10 ns
10K
Single-access RAM (SARAM) (16-bit word)
(L0, L1, M0, M1)
3.3-V on-chip flash (16-bit word)
64K
On-chip ROM (16-bit word)
Code security for on-chip flash/SARAM/OTP blocks
Yes
Boot ROM (4K × 16)
Yes
One-time programmable (OTP) ROM (16-bit word)
1K
PWM outputs (one 16-bit timer/module)
0
ePWM1–16
HRPWM channels
0
ePWM1–16
Watchdog timer
Yes
No. of channels
1
16
12-Bit ADC
MSPS
1
12.5
Conversion time
1
80 ns
32-Bit CPU timers
3
Serial Peripheral Interface (SPI)
0
SPI-A
Serial Communications Interface (SCI)
0
SCI-A
Inter-Integrated Circuit (I2C)
0
I2C-A
Digital I/O pins (shared)
35
External interrupts
3
Supply voltage
1.8-V Core, 3.3-V I/O
Yes
100-Pin PZ
Yes
Packaging
100-ball GGM, ZGM
Yes
Temperature options
A: –40°C to 85°C
(PZ, GGM, ZGM)
Product status(2)
TMS
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor
differences between devices that do not affect the basic functionality of the module. These device-specific differences are listed in the
TMS320x28xx, 28xxx DSP Peripheral Reference Guide (literature number SPRU566) and in the peripheral reference guides.
(2)
See Section 5.1 , Device and Development Support Tool Nomenclature, for descriptions of device stages.
Copyright © 2006–2010, Texas Instruments Incorporated
Introduction
11
Submit Documentation Feedback
Product Folder Link(s): TMS320F28044


Similar Part No. - TMS320F28044PZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28044PZA TI-TMS320F28044PZA Datasheet
864Kb / 105P
[Old version datasheet]   Digital Signal Processor
TMS320F28044PZA TI-TMS320F28044PZA Datasheet
889Kb / 107P
[Old version datasheet]   Digital Signal Processor
More results

Similar Description - TMS320F28044PZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com