Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS37157 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS37157
Description  PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS37157 Datasheet(HTML) 5 Page - Texas Instruments

  TMS37157_11 Datasheet HTML 1Page - Texas Instruments TMS37157_11 Datasheet HTML 2Page - Texas Instruments TMS37157_11 Datasheet HTML 3Page - Texas Instruments TMS37157_11 Datasheet HTML 4Page - Texas Instruments TMS37157_11 Datasheet HTML 5Page - Texas Instruments TMS37157_11 Datasheet HTML 6Page - Texas Instruments TMS37157_11 Datasheet HTML 7Page - Texas Instruments TMS37157_11 Datasheet HTML 8Page - Texas Instruments TMS37157_11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
TMS37157
www.ti.com
SWRS083A – SEPTEMBER 2009 – REVISED NOVEMBER 2009
VCL/VBAT CHECKER (continued)
PARAMETER
MIN
NOM
MAX
UNIT
Vcharge
VBAT charge voltage
3.4
V
Vch
VCL checker threshold voltage
3.1
V
TRIMMING CAPACITORS AND SWITCHES
PARAMETER
MIN
NOM
MAX
UNIT
Tstep
Trimming steps
128
CTmin
Minimum trimming capacitor
0
pF
CT1
Trimming capacitor 1
0.6
pF
CT2
Trimming capacitor 2
1.2
pF
CT3
Trimming capacitor 3
2.4
pF
CT4
Trimming capacitor 4
4.7
pF
CT5
Trimming capacitor 5
9.4
pF
CT6
Trimming capacitor 6
18.8
pF
CT7
Trimming capacitor 7
37.6
pF
CT
Maximum trimming capacitor (CT = CT1+ CT2+ … + CT7)
63.5
74.4
85.9
pF
RF LIMITER
PARAMETER
MIN
NOM
MAX
UNIT
VRFlim
RF limiter voltage
10.5
12
14
V
VCLlim
Limited VCL voltage
Limited VCL voltage is the result of the RF
5.75
5.9
6.5
V
limiter in the application circuit
CONTROL AND SPI INTERFACE
PARAMETER
MIN
NOM
MAX
UNIT
Busy low time
See SPI Comm.
30-70
μs
Busy high time
See SPI Comm.
10-30
ms
PARAMETER
MIN
NOM
MAX
UNIT
VOL
Low level output voltage, SPI_SOMI, VBAT = 2.0…3.6V, RL = 100 kΩ
0.05 ×
0.07 ×
V
BUSY
VBAT
VBAT
VOH
High level output voltage,
VBAT = 2.0…3.6V, RL = 100 kΩ
0.93 ×
0.95 ×
V
SPI_SOMI, BUSY
VBAT
VBAT
VIL
Low level input voltage, SPI_SIMO,
VBAT = 2.0…3.6V, RL = 100 kΩ
0.1 ×
V
SPI_CLK
VBAT
VIH
High level input voltage, SPI_SIMO,
VBAT = 2.0…3.6V, RL = 100 kΩ
0.9 ×
VBAT
V
SPI_CLK
VBAT
ACTIVATION LIMIT OF TMS37157
PARAMETER
MIN
NOM
MAX
UNIT
Vact
Activation level for transponder
f = 134.2 kHz(1)
5.75
5.9
6.5
V
response
(1)
At beginning of the response the voltage VCL must be just limited. Only in this case the function is guaranteed if components and IC
parameters are at the limit, see Figure 1 . The voltage is measured at VCL just before the Transponder starts with the response protocol.
The longest in the application used downlink telegram with maximum number of high bits should be used. The low and high bit response
frequency should be at the lowest value which occurs in the application. In case of an additional power phase (Programming) the level
has to be after that additional power phase.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TMS37157


Similar Part No. - TMS37157_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS37157IRSARG4 TI-TMS37157IRSARG4 Datasheet
1Mb / 47P
[Old version datasheet]   PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
More results

Similar Description - TMS37157_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS37157 TI-TMS37157 Datasheet
1Mb / 47P
[Old version datasheet]   PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
logo
ATMEL Corporation
U9280M-H ATMEL-U9280M-H Datasheet
417Kb / 23P
   MICROCONTROLER WITH TRANSPONDER INTERFACE
U9280M-H ATMEL-U9280M-H_05 Datasheet
444Kb / 24P
   Microcontroller with Transponder Interface
U3280M ATMEL-U3280M_07 Datasheet
349Kb / 21P
   Transponder Interface for Microcontroller
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
[Old version datasheet]   DYNAMIC NFC INTERFACE TRANSPONDER
logo
ATMEL Corporation
U3280M ATMEL-U3280M_11 Datasheet
1Mb / 19P
   Transponder Interface for Microcontroller
logo
Texas Instruments
TMS37F158 TI1-TMS37F158 Datasheet
176Kb / 8P
[Old version datasheet]   CONTROLLER ENTRY DEVICE WITH INTEGRATED DST80 AUTHENTICATION, EEPROM, AND LF IMMOBILIZER INTERFACE
logo
ATMEL Corporation
U3280M ATMEL-U3280M Datasheet
275Kb / 18P
   TRANSPONDER INTERFACE FOR MICROCONTROLLER
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H_14 Datasheet
906Kb / 47P
[Old version datasheet]   Dynamic NFC Interface Transponder
logo
Microchip Technology
MCRF202 MICROCHIP-MCRF202 Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com