Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54320 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54320
Description  4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54320 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54320 Datasheet HTML 1Page - Texas Instruments TPS54320 Datasheet HTML 2Page - Texas Instruments TPS54320 Datasheet HTML 3Page - Texas Instruments TPS54320 Datasheet HTML 4Page - Texas Instruments TPS54320 Datasheet HTML 5Page - Texas Instruments TPS54320 Datasheet HTML 6Page - Texas Instruments TPS54320 Datasheet HTML 7Page - Texas Instruments TPS54320 Datasheet HTML 8Page - Texas Instruments TPS54320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
TPS54320
SLVS982A – AUGUST 2010 – REVISED SEPTEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ= –40°C to 150°C, VIN = 4.5V to 17V, PVIN = 1.6V to 17V (unless otherwise noted)
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
ERROR AMPLIFIER
Error amplifier Transconductance (gm)
–2 mA < I(COMP) < 2 mA, V(COMP) = 1 V
1300
mMhos
Error amplifier dc gain
VSENSE = 0.8 V
1000
3100
V/V
Error amplifier source/sink
V(COMP) = 1 V, 100 mV input overdrive
±110
mA
Start switching threshold
0.25
V
COMP to Iswitch gm
12
A/V
CURRENT LIMIT
High-side switch current limit threshold
4.2
6.2
A
Low-side switch sourcing current limit
3.8
5.8
A
Low-side switch sinking current limit
1
2.6
A
Hiccup wait time before triggering hiccup
512
cycles
Hiccup time before restart
16384
cycles
THERMAL SHUTDOWN
Thermal shutdown
160
175
°C
Thermal shutdown hysteresis
10
°C
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
Minimum switching frequency
Rrt = 240 k
Ω (1%)
160
200
240
kHz
Switching frequency
Rrt = 100 k
Ω (1%)
400
480
560
kHz
Maximum switching frequency
Rrt = 40.2 k
Ω (1%)
1080
1200
1320
kHz
Minimum pulse width
20
ns
RT/CLK high threshold
2
V
RT/CLK low threshold
0.8
V
RT/CLK falling edge to PH rising edge delay
Measure at 500 kHz with RT resistor in series
62
ns
Switching frequency range (RT mode set point
200
1200
kHz
and PLL mode)
PH (PH PIN)
Measured at 90% to 90% of PH,
Minimum on time
97
135
ns
TA = 25°C, IPH = 2A
Minimum off time
BOOT-PH
≥ 3 V
0
ns
BOOT (BOOT PIN)
BOOT-PH UVLO
2.1
3
V
SLOW START AND TRACKING (SS/TR PIN)
SS charge current
2.3
mA
SS/TR to VSENSE matching
V(SS/TR) = 0.4 V
29
60
mV
POWER GOOD (PWRGD PIN)
VSENSE falling (Fault)
91
% Vref
VSENSE rising (Good)
94
% Vref
VSENSE threshold
VSENSE rising (Fault)
109
% Vref
VSENSE falling (Good)
106
% Vref
Output high leakage
VSENSE = Vref, V(PWRGD) = 5.5 V
30
100
nA
Output low
I(PWRGD) = 2 mA
0.3
V
Minimum VIN for valid output
V(PWRGD) < 0.5V at 100 mA
0.6
1
V
Minimum SS/TR voltage for PWRGD valid
1.2
1.4
V
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS54320


Similar Part No. - TPS54320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS54320RHLR TI-TPS54320RHLR Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320RHLT TI-TPS54320RHLT Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
More results

Similar Description - TPS54320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54620 TI-TPS54620_11 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54335 TI1-TPS54335 Datasheet
1Mb / 37P
[Old version datasheet]   4.5V to 28V Input, 3A Output, Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_15 Datasheet
1Mb / 41P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down Converter
TPS56921 TI-TPS56921_15 Datasheet
995Kb / 37P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT??Converter With VID Control
TPS56921 TI-TPS56921 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com